Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603C431J5GACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603C431J5GACTU
Description  SMD Comm C0G, Ceramic, 430 pF, 5%, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0603
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C431J5GACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0603C431J5GACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 11/21/2017 - a2ec4de5-a94a-4d1f-9b5f-f0271dbee36c
KEMET Part Number: C0603C431J5GACTU
(C0603C431J5GAC7867)
SMD Comm C0G, Ceramic, 430 pF, 5%, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0603
Dimensions
L
1.6mm +/-0.15mm
W
0.8mm +/-0.15mm
T
0.8mm +/-0.07mm
S
0.7mm MIN
B
0.35mm +/-0.15mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Supplier: KEMET
Series: SMD Comm C0G
Style: SMD Chip
Description: SMD, MLCC, Ultra-Stable, Low
Loss, Class I
Features: Ultra-Stable, Low Loss, Class I
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous: Note: KEMET 50V rated parts
may be operated at 63 Volts
Chip Size: 0603
Specifications
Capacitance: 430 pF
Capacitance Tolerance: 5%
Voltage DC: 50 VDC
Dielectric Withstanding
Voltage: 125 V
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.1% 1MHz 25C
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0603C431J5GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C430J5GACAUTO KEMET-C0603C430J5GACAUTO Datasheet
474Kb / 4P
   SMD Auto C0G, Ceramic, 43 pF, 5%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0603
5/16/2023
C0603C430J5GACTU KEMET-C0603C430J5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 43 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C432J5GACTU KEMET-C0603C432J5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 4300 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C439D1HACTU KEMET-C0603C439D1HACTU Datasheet
57Kb / 1P
   SMD Comm X8R HT150C, Ceramic, 4.3 pF, /-0.5 pF, 100 VDC, X8R, SMD, MLCC, High Temperature, Ultra-Stable, 0603
More results

Similar Description - C0603C431J5GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C241J5GACTU KEMET-C0603C241J5GACTU Datasheet
72Kb / 1P
   SMD Comm C0G, Ceramic, 240 pF, 5%, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0603
C0603C111J5GACTU KEMET-C0603C111J5GACTU Datasheet
60Kb / 1P
   SMD Comm C0G, Ceramic, 110 pF, 5%, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0603
C0603C131J5GACTU KEMET-C0603C131J5GACTU Datasheet
60Kb / 1P
   SMD Comm C0G, Ceramic, 130 pF, 5%, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0603
C0603C330J5GAC7411 KEMET-C0603C330J5GAC7411 Datasheet
60Kb / 1P
   SMD Comm C0G, Ceramic, 33 pF, 5%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0603
C0603C100J5GAC7411 KEMET-C0603C100J5GAC7411 Datasheet
60Kb / 1P
   SMD Comm C0G, Ceramic, 10 pF, 5%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0603
C0603C101J5GAC7411 KEMET-C0603C101J5GAC7411 Datasheet
60Kb / 1P
   SMD Comm C0G, Ceramic, 100 pF, 5%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0603
C0603C339B5GACTU KEMET-C0603C339B5GACTU Datasheet
72Kb / 1P
   SMD Comm C0G, Ceramic, 3.3 pF, /-0.1 pF, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0603
C0603C829D5GACTU KEMET-C0603C829D5GACTU Datasheet
72Kb / 1P
   SMD Comm C0G, Ceramic, 8.2 pF, /-0.5 pF, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0603
C0603C569B5GACTU KEMET-C0603C569B5GACTU Datasheet
72Kb / 1P
   SMD Comm C0G, Ceramic, 5.6 pF, /-0.1 pF, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0603
C0603C689D5GACTU KEMET-C0603C689D5GACTU Datasheet
72Kb / 1P
   SMD Comm C0G, Ceramic, 6.8 pF, /-0.5 pF, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0603
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com