Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

JCPHS-2.5 Datasheet(PDF) 1 Page - Mini-Circuits

Part No. JCPHS-2.5
Description  Phase Shifter
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo 

JCPHS-2.5 Datasheet(HTML) 1 Page - Mini-Circuits

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
50
180° Voltage Variable 1.8 to 2.5 MHz
Phase Shifter
Narrow Band
CASE STYLE: BG419
Demo Board MCL P/N: TB-62
Suggested PCB Layout (PL-011)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
IN
1
OUT
7
BIAS
8
GROUND
2,3,4,5,6,9,10,11,12,13,14
Outline Drawing
Phase Shifter Electrical Specifications
REV. A
M151107
JCPHS-2.5+
ED-13078A/1
DY/CP
150817
A
B
CD
E
F
.870
.800
--
.100
.400
.100
22.098
20.32
--
2.54
10.16
2.54
G
H
J
K
L
wt
.100
.047
.065
.065
.890
grams
2.54
1.1938
1.651
1.651
22.606
6.4
Typical Performance Data
JCPHS-2.5+
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Input Power
20 dBm max.
Control Voltage
20V
Features
• low insertion loss, 0.9 dB typ.
• good VSWR, 1.2:1 typ.
• solder-plated J-leads for excellent solderability
and strain relief
• aqueous washable
Applications
• radio location
• maritime mobile
JCPHS-2.5+
PHASE SHIFT
0
50
100
150
200
250
0
2
4
6
8
10
12
14
16
18
CONTROL VOLTAGE (V)
1.8 MHz
2.2 MHz
2.5 MHz
JCPHS-2.5+
VSWR
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0
2
4
6
8
10
12
14
16
18
CONTROL VOLTAGE (V)
1.8 MHz
2.2 MHz
2.5 MHz
JCPHS-2.5+
INSERTION LOSS
0.5
1.0
1.5
2.0
2.5
0
2
4
6
8
10
12
14
16
18
CONTROL VOLTAGE (V)
1.8 MHz
2.2 MHz
2.5 MHz
FREQUENCY
(MHz)
PHASE RANGE
(Degrees)
INSERTION LOSS
(dB)
CONTROL
VOLTAGE
(V)
CONTROL
BANDWIDTH
(kHz)
VSWR
(:1)
Min.
Typ.
Max.
Typ.
Typ.
Max.
1.8-2.5
180
0.9
2.7
0-18
DC-50
1.2
1.8
Control
Voltage
(V)
Phase Shift*
(Degrees)
VSWR
(:1)
Insertion Loss
(dB)
1.8
MHz
2.2
MHz
2.5
MHz
1.8
MHz
2.2
MHz
2.5
MHz
1.8
MHz
2.2
MHz
2.5
MHz
* Normalized at control voltage = 0V
Maximum operating power, 0 dBm
RF IN
CONTROL VOLTAGE
RF OUT
electrical schematic
0.0
0.00
0.00
0.00
1.21
1.12
1.36
1.57
1.01
1.00
2.0
27.36
12.96
7.66
1.17
1.12
1.35
1.66
1.16
1.08
4.0
57.85
28.73
16.68
1.13
1.12
1.34
1.80
1.34
1.17
6.0
89.17
48.73
28.00
1.08
1.14
1.33
1.78
1.56
1.30
8.0
118.37
74.58
43.16
1.04
1.17
1.33
1.60
1.80
1.48
10.0
143.18
106.54
64.34
1.03
1.22
1.34
1.36
1.95
1.73
12.0
163.56
142.37
95.00
1.05
1.26
1.38
1.14
1.88
2.03
14.0
180.16
176.76
137.06
1.06
1.29
1.45
0.97
1.60
2.18
16.0
193.88
205.68
184.07
1.08
1.30
1.52
0.84
1.28
1.94
18.0
205.05
227.58
222.53
1.09
1.29
1.54
0.75
1.04
1.51
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn