Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSWA2-63DR+ Datasheet(PDF) 3 Page - Mini-Circuits

Part # HSWA2-63DR+
Description  SP2T RF Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

HSWA2-63DR+ Datasheet(HTML) 3 Page - Mini-Circuits

  HSWA2-63DR+ Datasheet HTML 1Page - Mini-Circuits HSWA2-63DR+ Datasheet HTML 2Page - Mini-Circuits HSWA2-63DR+ Datasheet HTML 3Page - Mini-Circuits HSWA2-63DR+ Datasheet HTML 4Page - Mini-Circuits HSWA2-63DR+ Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPDT RF Switch
HSWA2-63DR+
Page 3 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
RF Electrical Specifications1, 100 MHz - 6 GHz, TAMB=25°C, VDD= +3.0V, 50 Ohms
Parameter
Condition (MHz)
Min.
Typ.
Max.
Units
Frequency range
100
6000
MHz
Insertion loss2,4
100 - 1000
0.95
1.15
dB
1000 - 2000
0.95
1.15
2000 - 3000
1.0
1.2
3000 - 4000
1.15
1.35
4000 - 5000
1.25
1.55
5000 - 6000
1.60
1.90
Isolation between Common port and RF1/RF2 Ports
100 - 1000
69
71
dB
1000 - 2000
65
67
2000 - 3000
63
68
3000 - 4000
62
67
4000 - 5000
52
57
5000 - 6000
44
48
Isolation between RF1 and RF2 Ports
100 - 1000
67
69
dB
1000 - 2000
63
64
2000 - 3000
59
62
3000 - 4000
60
64
4000 - 5000
54
60
5000 - 6000
44
50
Return loss (All Ports)
100 - 4000
20
dB
4000 - 5000
15
5000 - 6000
13
Input IP2
100 - 6000
110
dBm
Input IP3
100 - 6000
60
65
dBm
1.0 dB Input compression3
100 - 6000
33
35
dBm
Thermal Resistance, junction-to-ambient
78
°C/W
Switching Specifications
Parameter
Condition
Min.
Typ.
Max.
Units
Switching time
50% control to 90/10%RF
fctrl=1KHz
VDD=3V
Vctrl High=1.8V
Vctrl Low=0V
300
400
nS
Video feed-through
27
mV
P-P
Rise/Fall time
10 to 90% or 90 to 10%
67
ns
DC Electrical Specifications
Parameter
Min.
Typ.
Max.
Units
Supply voltage, V
DD
2.7
5.5
V
Supply current
120
200
µA
Control voltage Low
-0.3
0.6
V
Control voltage High
1.17
3.6
V
Control current
9
12
µA
Notes:
1. Tested on Mini-Circuits’ test board TB-919+, using Agilent’s N5230A network analyzer (see Characterization test circuit, Fig.2).
2. Insertion loss values are de-embedded from test board loss.
3. Do not exceed RF input power as shown in Absolute Maximum Ratings table.
4. Insertion loss and return loss can be improved by external matching.
0
5
10
15
20
25
30
35
0.001
0.010
0.100
1.000
10.000
100.000 1,000.000 10,000.000
MHz
P1dB
Max Input operating
Figure 1. P1dB and Max Input Operating Power vs. Frequency
Power Rating


Similar Part No. - HSWA2-63DR+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
HSWA2-30DR++ MINI-HSWA2-30DR+ Datasheet
607Kb / 11P
   SPDT RF SWITCH
HSWA2-30DR+TB MINI-HSWA2-30DR+TB Datasheet
607Kb / 11P
   SPDT RF SWITCH
More results

Similar Description - HSWA2-63DR+

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2912 RENESAS-F2912_V01 Datasheet
2Mb / 25P
   High Reliability SP2T RF Switch
Sep 20, 2021
logo
Integrated Device Techn...
F2932 IDT-F2932 Datasheet
2Mb / 20P
   High Reliability SP2T RF Switch
F2933 IDT-F2933 Datasheet
2Mb / 19P
   High Reliability SP2T RF Switch
F2912 IDT-F2912 Datasheet
2Mb / 23P
   High Reliability SP2T RF Switch
F2923 IDT-F2923 Datasheet
2Mb / 21P
   Constant Impedance Kz SP2T RF Switch
logo
DAICO Industries, Inc.
DSW22201 DAICO-DSW22201 Datasheet
163Kb / 1P
   Switch SP2T
DSW25112 DAICO-DSW25112 Datasheet
133Kb / 1P
   SP2T Switch
DSWA9072 DAICO-DSWA9072 Datasheet
32Kb / 1P
   Switch SP2T
CSW29289 DAICO-CSW29289 Datasheet
118Kb / 1P
   Switch SP2T
CSW22223 DAICO-CSW22223 Datasheet
148Kb / 1P
   Switch SP2T
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com