Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP4023 Datasheet(PDF) 1 Page - Littelfuse

Part # SP4023
Description  SP4023 Series 1.3pF, 12A Discrete TVS Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP4023 Datasheet(HTML) 1 Page - Littelfuse

  SP4023 Datasheet HTML 1Page - Littelfuse SP4023 Datasheet HTML 2Page - Littelfuse SP4023 Datasheet HTML 3Page - Littelfuse SP4023 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2018 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 03/27/18
TVS Diode Arrays (SPA®Diodes)
Lightning Surge Protection- SP4023 Series
Description
Applications
The SP4023 Series integrates low capacitance steering
diodes with one or two avalanche diodes for unidirectional
or bidirectional protection, respectively, to protect
against ESD and lightning induced surge events. These
components can safely absorb up to 12A per IEC 61000-4-5
2nd Edition (t
p=8/20μs) without performance degradation
and a minimum ±30kV ESD per IEC 61000-4-2 International
Standard. The low loading capacitance and high surge
capability make it ideal for protecting telecommunication
ports such as xDSL and other high voltage, high speed
legacy interfaces.
Features
• ESD, IEC 61000-4-2,
±30kV contact, ±30kV air
• EFT, IEC 61000-4-4, 40A
(5/50ns)
• Lightning, IEC 61000-
4-5 2nd Edition, 12A
(t
P=8/20μs)
• Low capacitance of 1.3pF
(@ V
R=0V)
• Low leakage current
• Unidirectional and
Bidirectional configuration
• Small SOD323 package
fits 0805 footprints
• AEC-Q101 qualified
• Halogen free, Lead free,
and RoHS Compliant
• Moisture Sensitivity Level
(MSL-1)
• xDSL Interfaces
• RS-232
• RS-485
• Power Ports
• Security Equipment
• Instrumentation
• Medical Equipment
• Computers and
Peripherals
Life Support Note:
Not Intended for Use in Life Support or Life Saving Applications
The products shown herein are not designed for use in life sustaining or life saving
applications unless otherwise expressly indicated.
RoHS Pb GREEN
SP4023 Series 1.3pF, 12A Discrete TVS Diode
Functional Block Diagram
SP4023-01FTG
SP4023-01FTG-C
Pinout
Additional Information
Cathode polarity for unidirectional only


Similar Part No. - SP4023

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP4020 LITTELFUSE-SP4020 Datasheet
720Kb / 4P
   SP4020 Series 2.5pF, 30A Discrete TVS Diode
2020 Littelfuse, Inc.
SP4020-01FTG LITTELFUSE-SP4020-01FTG Datasheet
720Kb / 4P
   SP4020 Series 2.5pF, 30A Discrete TVS Diode
2020 Littelfuse, Inc.
SP4020-01FTG-C LITTELFUSE-SP4020-01FTG-C Datasheet
720Kb / 4P
   SP4020 Series 2.5pF, 30A Discrete TVS Diode
2020 Littelfuse, Inc.
SP4021 LITTELFUSE-SP4021 Datasheet
729Kb / 5P
   SP4021 Series 2.5pF, 25A Discrete TVS Diode
SP4021-01FTG LITTELFUSE-SP4021-01FTG Datasheet
729Kb / 5P
   SP4021 Series 2.5pF, 25A Discrete TVS Diode
More results

Similar Description - SP4023

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AQ4023 LITTELFUSE-AQ4023 Datasheet
606Kb / 4P
   AQ4023 Series 1.3pF, 12A Discrete TVS Diode
SP4022 LITTELFUSE-SP4022 Datasheet
750Kb / 4P
   SP4022 Series 1.3pF, 15A Discrete TVS Diode
SP4024 LITTELFUSE-SP4024 Datasheet
797Kb / 4P
   SP4024 Series 1.3pF, 7A Discrete TVS Diode
AQ4022 LITTELFUSE-AQ4022 Datasheet
607Kb / 5P
   AQ4022 Series 1.3pF, 15A Discrete TVS Diode
AQ4024 LITTELFUSE-AQ4024 Datasheet
610Kb / 4P
   AQ4024 Series 1.3pF, 7A Discrete TVS Diode
SP11XX LITTELFUSE-SP11XX Datasheet
768Kb / 7P
   SP11xx Series Discrete Unidirectional TVS Diode
2020 Littelfuse, Inc
SP0201U-ULC-01UTG LITTELFUSE-SP0201U-ULC-01UTG Datasheet
1Mb / 5P
   TVS Diode Array Ultra Low Capacitance Discrete TVS Series
Revised: 08/22/19
SP1124T LITTELFUSE-SP1124T Datasheet
2Mb / 5P
   SP1124T Discrete Unidirectional TVS Diode
SD05 LITTELFUSE-SD05 Datasheet
699Kb / 4P
   450W Discrete Unidirectional TVS Diode
SD05C LITTELFUSE-SD05C Datasheet
702Kb / 4P
   450W Discrete Bidirectional TVS Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com