Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP1255 Datasheet(PDF) 4 Page - Littelfuse

Part # SP1255
Description  SP1255 Series 160A for V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP1255 Datasheet(HTML) 4 Page - Littelfuse

  SP1255 Datasheet HTML 1Page - Littelfuse SP1255 Datasheet HTML 2Page - Littelfuse SP1255 Datasheet HTML 3Page - Littelfuse SP1255 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
©2016 Littelfuse, Inc.
Specifications are subject to change without notice.
TVS Diode Arrays (SPA®Diodes)
Revision: 07/27/16
TVS Diode Arrays (SPA® Diodes)
Low Capacitance ESD and Surge Protection - SP1255P Series
SP1255P Series
Package Dimensions — µDFN-6 (1.8x2.0x0.55mm)
µDFN6 (1.8x2.0x0.55mm)
JEDEC MO-229
Symbol
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
0.50
0.55
0.60
0.020
0.022
0.024
A1
0.00
-
0.05
0.000
-
0.002
A3
0.15 Ref
0.006 Ref
D
1.75
1.80
1.85
0.069
0.071
0.073
E
1.95
2.00
2.05
0.077
0.079
0.081
b
0.15
0.20
0.25
0.006
0.008
0.010
L
0.20
0.30
0.40
0.008
0.012
0.016
D2
0.35
0.45
0.55
0.014
0.018
0.022
E2
0.74
0.84
0.94
0.029
0.033
0.037
e
0.40 BSC
0.016 BSC
e1
0.80 BSC
0.031 BSC
B
0.80 BSC
0.031 BSC
C
0.35
0.45
0.55
0.014
0.018
0.022
F
0.81
0.84
0.87
0.032
0.033
0.034
G
0.82
0.85
0.88
0.032
0.033
0.034
J
0.24
0.25
0.26
0.010
0.010
0.010
N
0.47
0.48
0.49
0.018
0.019
0.020
P
0.24
0.25
0.26
0.010
0.010
0.010
X
0.23
0.24
0.25
0.009
0.009
0.009
Y
0.35
0.36
0.37
0.014
0.014
0.014
Z
0.62
0.64
0.66
0.024
0.025
0.026
Top View
Bottom View
Side View
Recommended
Soldering
Footprint
G
F
Y
P
B
C
N
J
X
Z
Notes:
1. Dimension and tolerancing comform to ASME Y14.5M-1994.
2. Controlling dimensions: Millimeter. Converted Inch dimensions are not necessarily
exact.
Embossed Carrier Tape & Reel Specification — µDFN-6
Symbol
Millimeters
A0
1.95 +/- 0.05
B0
2.30 +/- 0.05
D0
1.50 + 0.10
D1
Ø 0.60 + 0.05
E
1.75 +/- 0.10
F
3.50 +/- 0.05
K0
0.75 +/- 0.05
P0
4.00 +/- 0.10
P1
4.00 +/- 0.10
P2
2.00+/-0.05
T
0.25 +/- 0.02
W
8.00 + 0.30 /- 0.10
P2
D0
E
F
P1
P0
D1
W
T
B0
K0
A0
5
5
9.04
Pin1 Location
Surge Protection - SP1255 Series


Similar Part No. - SP1255

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1255P LITTELFUSE-SP1255P Datasheet
964Kb / 5P
   SP1255P Series 0.5pF, 12kV Diode Array for μUSB
2019 Littelfuse, Inc
SP1255PUTG LITTELFUSE-SP1255PUTG Datasheet
964Kb / 5P
   SP1255P Series 0.5pF, 12kV Diode Array for μUSB
2019 Littelfuse, Inc
More results

Similar Description - SP1255

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPE1255D6 TECHPUBLIC-TPE1255D6 Datasheet
1Mb / 4P
   160A For Vbus
logo
Nihon Inter Electronics...
PQ160QH04N NIEC-PQ160QH04N Datasheet
56Kb / 2P
   SBD MODULE 160A/40V
logo
Naina Semiconductor ltd...
NDD160C NAINA-NDD160C Datasheet
227Kb / 3P
   Diode/Diode Module, 160A
logo
Nihon Inter Electronics...
PQ160QH06N NIEC-PQ160QH06N_1 Datasheet
157Kb / 2P
   160A Avg 60 Volts
PQ160QH04N NIEC-PQ160QH04N_1 Datasheet
167Kb / 2P
   160A Avg 40 Volts
logo
MacMic
MMD160S MACMIC-MMD160S Datasheet
196Kb / 3P
   160A Rectifier Diode Module
MMK160S160B MACMIC-MMK160S160B Datasheet
455Kb / 4P
   160A Thyristor/Diode Module
logo
Micross Components
MIMMK160S160UK MICROSS-MIMMK160S160UK Datasheet
2Mb / 5P
   1600V 160A thyristor Module RoHS Compliant
logo
TRANSYS Electronics Lim...
FSTI16020 TEL-FSTI16020 Datasheet
145Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 160A
logo
Microsemi Corporation
SPB16080 MICROSEMI-SPB16080 Datasheet
130Kb / 2P
   2 X 160A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com