Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29F512-45PIP Datasheet(PDF) 7 Page - Eon Silicon Solution Inc.

Part # EN29F512-45PIP
Description  512 Kbit (64K x 8-bit) 5V Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29F512-45PIP Datasheet(HTML) 7 Page - Eon Silicon Solution Inc.

Back Button EN29F512-45PIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29F512-45PIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29F512-45PIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29F512-45PIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29F512-45PIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29F512-45PIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29F512-45PIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29F512-45PIP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29F512-45PIP Datasheet HTML 11Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
7
EN29F512
Rev. A, Issue Date: 2003/10/20
Reset Command
Writing the reset command to the device resets the device to reading array data. Address bits are
don’t care for this command.
The reset command may be written between the sequence cycles in an erase command sequence
before erasing begins. This resets the device to reading array data. Once erasure begins, however,
the device ignores reset commands until the operation is complete. The reset command may be
written between the sequence cycles in a program command sequence before programming begins.
This resets the device to reading array data (also applies to programming in Erase Suspend mode).
Once programming begins, however, the device ignores reset commands until the operation is
complete.
The reset command may be written between the sequence cycles in an autoselect command
sequence. Once in the autoselect mode, the reset command must be written to return to reading
array data (also applies to autoselect during Erase Suspend).
If DQ5 goes high during a program or erase operation, writing the reset command returns the device
to reading array data (also applies during Erase Suspend).
Write Mode
Programming is a four-bus-cycle operation. The program command sequence is initiated by writing
two unlock write cycles, followed by the program set-up command. The program address and data
are written next, which in turn initiate the Embedded Program algorithm. The system is not required
to provide further controls or timings. The device automatically provides internally generated
program pulses and verifies the programmed cell margin. Table 5 (Command Definitions) shows the
address and data requirements for the byte program command sequence.
When the Embedded Program algorithm is complete, the device then returns to reading array data
and addresses are no longer latched. The system can determine the status of the program operation
by using DQ7 or DQ6. See “Write Operation Status” for information on these status bits.
Any commands written to the device during the Embedded Program Algorithm are ignored.
Programming is allowed in any sequence and across sector boundaries. A bit cannot be
programmed from a “0” back to a “1”. Attempting to do so may halt the operation and set DQ5 to
“1”, or cause the Data# Polling algorithm to indicate the operation was successful. However, a
succeeding read will show that the data is still “0”. Only erase operations can convert a “0” to a “1”.
COMMAND DEFINITIONS
The operations of the EN29F512 are selected by one or more commands written into the
command register to perform Read/Reset Memory, Read ID, Read Sector Protection, Program,
Sector Erase, Chip Erase, Erase Suspend and Erase Resume. Commands are made up of data
sequences written at specific addresses via the command register.
The sequences for the
specified operation are defined in the Command Table (Table 5). Incorrect addresses, incorrect
data values or improper sequences will reset the device to the read mode.


Similar Part No. - EN29F512-45PIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F002 ETC-EN29F002 Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
logo
Eon Silicon Solution In...
EN29F002A EON-EN29F002A Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JC EON-EN29F002AB-45JC Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JCP EON-EN29F002AB-45JCP Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JI EON-EN29F002AB-45JI Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
More results

Similar Description - EN29F512-45PIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV512 EON-EN29LV512 Datasheet
403Kb / 35P
   512 Kbit (64K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
ELAN Microelectronics C...
EM25LV512 EMC-EM25LV512 Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
logo
Winbond
W29EE512 WINBOND-W29EE512 Datasheet
153Kb / 22P
   64K X 8 CMOS FLASH MEMORY
logo
Sharp Corporation
LH28F004SU SHARP-LH28F004SU Datasheet
2Mb / 39P
   4Mbit(512Kbit x 8, 256 Kbit x 16) 5V Single Voltage Flash Memory
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
   512K (64K x 8) CMOS FLASH MEMORY
logo
Winbond
W39L040 WINBOND-W39L040 Datasheet
334Kb / 27P
   512 K X 8 CMOS FLASH MEMORY
logo
Eon Silicon Solution In...
EN29F010 EON-EN29F010 Datasheet
429Kb / 35P
   1 Megabit (128K x 8-bit) 5V Flash Memory
logo
Sharp Corporation
LH28F800BG SHARP-LH28F800BG Datasheet
242Kb / 40P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F800SG SHARP-LH28F800SG Datasheet
286Kb / 42P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
logo
SPANSION
MBM29F004TC-70 SPANSION-MBM29F004TC-70 Datasheet
474Kb / 53P
   FLASH MEMORY CMOS 4 M (512 K X 8) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com