Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29F040A-90TIP Datasheet(PDF) 1 Page - Eon Silicon Solution Inc.

Part # EN29F040A-90TIP
Description  4 Megabit (512K x 8-bit) Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29F040A-90TIP Datasheet(HTML) 1 Page - Eon Silicon Solution Inc.

  EN29F040A-90TIP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN29F040A-90TIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29F040A-90TIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29F040A-90TIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29F040A-90TIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29F040A-90TIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29F040A-90TIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29F040A-90TIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29F040A-90TIP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
1
EN29F040A
Rev. B, Issue Date: 2004/04/01
FEATURES
• 5.0V operation for read/write/erase
operations
• Fast Read Access Time
- 45ns, 55ns, 70ns, and 90ns
• Sector Architecture:
- 8 uniform sectors of 64Kbytes each
- Supports full chip erase
- Individual sector erase supported
- Sector protection:
Hardware locking of sectors to prevent
program or erase operations within
individual sectors
• High performance program/erase speed
- Byte program time: 10µs typical
- Sector erase time: 500ms typical
- Chip erase time: 3.5s typical
• Low Standby Current
- 1µA CMOS standby current-typical
- 1mA TTL standby current
• Low Power Active Current
- 30mA active read current
- 30mA program/erase current
• JEDEC Standard program and erase
commands
• JEDEC standard DATA polling and toggle
bits feature
• Single Sector and Chip Erase
• Sector Unprotect Mode
• Embedded Erase and Program Algorithms
• Erase Suspend / Resume modes:
Read and program another Sector during
Erase Suspend Mode
• 0.23 µm triple-metal double-poly
triple-well CMOS Flash Technology
• Low Vcc write inhibit < 3.2V
• 100K endurance cycle
• Package Options
- 32-pin PDIP
- 32-pin PLCC
- 32-pin TSOP (Type 1)
• Commercial and Industrial Temperature
Ranges
GENERAL DESCRIPTION
The EN29F040A is a 4-Megabit, electrically erasable, read/write non-volatile flash memory.
Organized into 512K words with 8 bits per word, the 4M of memory is arranged in eight uniform
sectors of 64Kbytes each.
Any byte can be programmed typically in 10µs.
The EN29F040A
features 5.0V voltage read and write operation, with access times as fast as 45ns to eliminate the
need for WAIT states in high-performance microprocessor systems.
The EN29F040A has separate Output Enable ( OE ), Chip Enable ( CE ), and Write Enable ( WE )
controls, which eliminate bus contention issues. This device is designed to allow either single (or
multiple) Sector or full chip erase operation, where each Sector can be individually protected against
program/erase operations or temporarily unprotected to erase or program. The device can sustain a
minimum of 100K program/erase cycles on each Sector.
EN29F040A
4 Megabit (512K x 8-bit) Flash Memory


Similar Part No. - EN29F040A-90TIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F040 ETC-EN29F040 Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
EN29F040-45J ETC-EN29F040-45J Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
EN29F040-45JI ETC-EN29F040-45JI Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
EN29F040-45P ETC-EN29F040-45P Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
EN29F040-45PI ETC-EN29F040-45PI Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
More results

Similar Description - EN29F040A-90TIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F040 ETC-EN29F040 Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
logo
ATMEL Corporation
AT49BV040B ATMEL-AT49BV040B Datasheet
355Kb / 21P
   4-megabit (512K x 8) Flash Memory
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
logo
ATMEL Corporation
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV8192A-11TI ATMEL-AT49BV8192A-11TI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49BV004 ATMEL-AT49BV004 Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com