Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLD Datasheet(PDF) 1 Page - Littelfuse

Part No. SLD
Description  The AEC-Q101 qualified SLD Series is packaged in a highly reliable industry standard P600 axial leaded package and is designed to provide precision overvoltage protection for sensitive electronics
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITTELFUSE [Littelfuse]
Homepage  http://www.littelfuse.com
Logo 

SLD Datasheet(HTML) 1 Page - Littelfuse

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TVS Diodes
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 09/10/16
Axial Leaded – 2200W > SLD series
AGENCY
AGENCY FILE NUMBER
E230531
Designed to protect sensitive electronics from:
- Inductive Load Switching
- Alternator Load Dump
Applications
Features
The AEC-Q101 qualified SLD Series is packaged in a highly
reliable industry standard P600 axial leaded package and
is designed to provide precision overvoltage protection for
sensitive electronics.
Description
Maximum Ratings and Thermal Characteristics
(T
A=25
O
C unless otherwise noted)
Agency Approvals
• Hi reliability application
and automotive grade
AEC-Q101 qualified with T
J
175°C
• V
BR @ TJ= VBR@25°C
x (1+αT x (T
J - 25))
(αT:Temperature
Coefficient, typical value
is 0.1%)
• Glass passivated chip
junction in P600 package
• Meet ISO7637 and
ISO16750 load dump
test; 2200W peak pulse
capability at 10μs × 150ms
waveform, repetition rate
(duty cycles): 0.01%
• Fast response time:
typically less than 1.0ps
from 0 Volts to BV min
• Excellent clamping
capability
• Typical failure mode is
short from over-specified
voltage or current
• Whisker test is conducted
based on JEDEC
JESD201A per its table 4a
and 4c
• IEC-61000-4-2 ESD
30kV(Air), 30kV (Contact)
• ESD protection of data
lines in accordance with
IEC 61000-4-2
• EFT protection of data
lines in accordance with
IEC 61000-4-4
• Low incremental surge
resistance
• High temperature
soldering guaranteed:
260°C+5/-0°C / 10s
±1sec
/ 0.375”,(9.5mm) lead
length, 5 lbs., (2.3kg)
tension
• Plastic package is
flammability rated V-0 per
Underwriters Laboratories
• Matte tin lead–free plated
• Halogen free and RoHS
compliant
• Pb-free E3 means 2nd
level interconnect is Pb-
free and the terminal finish
material is tin(Sn) (IPC/
JEDEC J-STD-609A.01)
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation
10ms x 150ms Test Waveform
P
PPM
2200
W
Peak Pulse Power Dissipation
10μs x 1000μs Test Waveform
P
PPM
5000
W
Steady STLte Power Dissipation on
Infinite Heat Sink at T
L=75ºC (Fig. 6)
P
D
8.0
W
Peak Forward Surge Current, 8.3ms
Single Half Sine Wave (Note 3)
I
FSM
600
A
Maximum InsTLnTLneous Forward
VolTLge at 100A for Unidirectional
Only
V
F
3.5
V
Operating Junction and Storage
Temperature Range
T
J, TSTG
-55 to 175
°C
Typical Thermal ResisTLnce Junction
to Lead
R
uJL
8.0
°C/W
Typical Thermal ResisTLnce Junction
to Ambient
R
uJA
40
°C/W
SLD Series
Functional Diagram
Bi-directional
Uni-directional
Cathode
Anode
Bi-directional
Uni-directional
RoHS
Pb e3


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn