Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLD Datasheet(PDF) 3 Page - Littelfuse

Part # SLD
Description  The AEC-Q101 qualified SLD Series is packaged in a highly reliable industry standard P600 axial leaded package and is designed to provide precision overvoltage protection for sensitive electronics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SLD Datasheet(HTML) 3 Page - Littelfuse

  SLD Datasheet HTML 1Page - Littelfuse SLD Datasheet HTML 2Page - Littelfuse SLD Datasheet HTML 3Page - Littelfuse SLD Datasheet HTML 4Page - Littelfuse SLD Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TVS Diodes
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 09/10/16
Axial Leaded – 2200W > SLD series
Voltage Transients
Time
Voltage Across TVS
Current Through TVS
Figure 1 - TVS Transients Clamping Waveform
Ratings and Characteristic Curves (T
A=25°C unless otherwise noted)
Figure 2 - Peak Pulse Power Rating Curve
continues on next page.
1
10
100
0.00001 0.0001
0.001
0.01
0.11
t
d-Pulse Width (sec.)
TJ initial =Tamb
0
20
40
60
80
100
0255075
100 125 150 175
10/1000µsec. Waveform
T
J - Initial Junction Temperature (ºC)
200
1
10
100
1000
10000
100000
110
100
1000
Tj=25C
f=1.0MHz
Vsig=50mVp-p
V
BR - Reverse Breakdown Voltage (V)
Uni-directional @ V
R
Bi-directional @ V
R
Bi-directional V=0V
Uni-directional V=0V
Figure 3 - Peak Pulse Power Derating Curve
Figure 4 - Pulse Waveform
Figure 5 - Typical Junction Capacitance
0
50
100
150
200
250
300
350
400
450
110
100
Number of Cycles at 60 Hz
Figure 6 - Maximum Non-Repetitive Peak Forward
Surge Current
0
0
50
100
150
1.0
2.0
3.0
4.0
tr=10µsec
Peak Value
IPPM
IPPM
2
TJ=25°C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
10/1000µsec. Waveform
as defined by R.E.A
td
t-Time (ms)
Half Value
IPPM
( )


Similar Part No. - SLD

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SLD-1000 SIRENZA-SLD-1000 Datasheet
332Kb / 5P
   4 Watt Discrete LDMOS FET-Bare Die
SLD-1026Z SIRENZA-SLD-1026Z Datasheet
822Kb / 21P
   3 Watt Discrete LDMOS Device Plastic Surface Mount Package
logo
List of Unclassifed Man...
SLD-1083CZ ETC1-SLD-1083CZ Datasheet
218Kb / 5P
   4 Watt Discrete LDMOS FET in Ceramic Package
logo
SIRENZA MICRODEVICES
SLD-1083CZ SIRENZA-SLD-1083CZ Datasheet
220Kb / 5P
   4 Watt Discrete LDMOS FET in Ceramic Package
logo
List of Unclassifed Man...
SLD-12-1010-12T ETC2-SLD-12-1010-12T Datasheet
519Kb / 5P
   Silver Line Series ??Single Multi-Output Linears
More results

Similar Description - SLD

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SLD8S LITTELFUSE-SLD8S Datasheet
1Mb / 6P
   The SLD8S Series is SMTO-263 packaged with leaded modification and is designed to provide precision overvoltage protection for sensitive electronics
STD120 LITTELFUSE-STD120 Datasheet
128Kb / 2P
   This axial leaded strap product is designed to provide reliable, non-cycling protection for rechanrgeable batteries
30R090 LITTELFUSE-30R090 Datasheet
259Kb / 7P
   The 30R Series radial leaded device is designed to provide overcurrent
USBR LITTELFUSE-USBR Datasheet
1Mb / 5P
   The USBR Series radial leaded device is designed to provide overcurrent protection for USB applications where space is not a concern
logo
STMicroelectronics
TN3050H-12WY STMICROELECTRONICS-TN3050H-12WY Datasheet
394Kb / 9P
   AEC-Q101 qualified
October 2016 Rev 2
STB100NF04T4 STMICROELECTRONICS-STB100NF04T4 Datasheet
1Mb / 20P
   AEC-Q101 qualified
November 2016 Rev 7
logo
Littelfuse
AQ1006 LITTELFUSE-AQ1006 Datasheet
2Mb / 4P
   AEC-Q101 qualified
logo
Gilway Technical Lamp
GHB-PLCC-CW2 GILWAY-GHB-PLCC-CW2 Datasheet
100Kb / 4P
   This family of SMT LEDs is packaged in the industry standard PLCC-2 package.
logo
STMicroelectronics
STH275N8F7-2AG STMICROELECTRONICS-STH275N8F7-2AG Datasheet
889Kb / 18P
   AEC-Q101 qualified
January 2017 Rev 4
logo
Littelfuse
AQ1026 LITTELFUSE-AQ1026 Datasheet
2Mb / 4P
   AEC-Q101 qualified
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com