Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK38SMA Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # SK38SMA
Description  SMD Schottky Barrier Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SK38SMA Datasheet(HTML) 2 Page - Diotec Semiconductor

  SK38SMA Datasheet HTML 1Page - Diotec Semiconductor SK38SMA Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SK32SMA ... SK315SMA
Characteristics
Kennwerte
Type
Typ
Forward voltage
Durchlass-Spannung
Junction capacitance
Sperrschichtkapazität
VF [V]
@ IF [A]
@ Tj
Cj [pF]
@ VR [V]
SK32SMA ... SK34SMA
< 0.50
3
25°C
typ. 250
4
SK35SMA, SK36SMA
< 0.70
3
25°C
typ. 250
4
SK38SMA, SK310SMA
< 0.85
3
25°C
typ. 200
4
SK315SMA
< 0.87
3
25°C
typ. 125
4
Leakage current
Sperrstrom
Tj = 25°C
Tj = 100°C
VR = VRRM
IR
< 100 µA
< 10 mA
Thermal resistance junction to ambient
Wärmewiderstand Sperrschicht – Umgebung
RthA
< 70 K/W 1)
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht − Anschluss
RthT
< 30 K/W
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Mounted on P.C. board with 25 mm2 copper pads – Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpads)
2
http://www.diotec.com/
© Diotec Semiconductor AG
Rated forward current vs. temp. of the terminals
in Abh. v. d. Temp. der Terminals
Zul. Richtstrom
120
100
80
60
40
20
0
I
FAV
[%]
[°C]
T
T
150
100
50
0
10
1
10
10
10
-1
-2
-3
[mA]
I
R
0
V
RRM
40
60
100
[%]
Typ. instantaneous leakage current vs. rev. voltage
Typ. Sperrstrom (Augenblickswert) ü. Sperrspannung
T = 25°C
j
T = 125°C
j
T = 100°C
j
T = 50°C
j
Peak forward surge current versus number of cycles at 50 Hz
Durchlaß-Spitzenstrom in Abh. von der Zahl der Halbwellen bei 50 Hz
10
10
1
2
[A]
î
F
1
10
10
[n]
10
2
3
T = 25°C
j
SK32...34SMA
SK3 5...36SMA
SK38 ...310SMA
0
V
F
0.4
0.6
[V]
1.0
10
2
10
1
10-1
10
-2
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
SK31 5SMA


Similar Part No. - SK38SMA

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK38SMA DIOTEC-SK38SMA Datasheet
53Kb / 2P
   Surface Mount Schottky-Rectifiers
SK38SMA DIOTEC-SK38SMA Datasheet
120Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK38SMA DIOTEC-SK38SMA Datasheet
103Kb / 2P
   Surface Mount Schottky Rectifiers
SK38SMA DIOTEC-SK38SMA Datasheet
121Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK38SMA DIOTEC-SK38SMA Datasheet
121Kb / 2P
   Surface Mount Schottky Rectifier Diodes
More results

Similar Description - SK38SMA

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK1520YD2 DIOTEC-SK1520YD2_17 Datasheet
169Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK4035CD2 DIOTEC-SK4035CD2 Datasheet
180Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK32SMA DIOTEC-SK32SMA_17 Datasheet
159Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
PPL2060 DIOTEC-PPL2060 Datasheet
165Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK34SMA-3G DIOTEC-SK34SMA-3G_18 Datasheet
160Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK52 DIOTEC-SK52_18 Datasheet
157Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
PPL2060 DIOTEC-PPL2060_19 Datasheet
148Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SKL32 DIOTEC-SKL32_18 Datasheet
135Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK1820D2 DIOTEC-SK1820D2_17 Datasheet
170Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK52 DIOTEC-SK52_15 Datasheet
150Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK12 DIOTEC-SK12_15 Datasheet
151Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com