Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK15 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # SK15
Description  SMD Schottky Barrier Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SK15 Datasheet(HTML) 2 Page - Diotec Semiconductor

  SK15 Datasheet HTML 1Page - Diotec Semiconductor SK15 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SK12 ... SK115
Characteristics
Kennwerte
Type
Typ
Forward voltage
Durchlass-Spannung
Leakage current
Sperrstrom
Leakage current
Sperrstrom
VF [V] @ IF [A] @ Tj
IR [µA] @ VRRM @ Tj
IR [mA] @ VRRM @ Tj
SK12 ... SK14
< 0.50
1
25°C
< 500
25°C
< 5.0
100°C
SK15, SK16
< 0.70
1
25°C
< 500
25°C
< 5.0
100°C
SK18 ... SK115
< 0.85
1
25°C
< 200
25°C
2.0
100°C
Thermal resistance junction to ambient − Wärmewiderstand Sperrschicht – Umgebung
Thermal resistance junction to terminal − Wärmewiderstand Sperrschicht − Anschluss
RthA
RthT
< 70 K/W 1)
< 30 K/W
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Mounted on P.C. board with 25 mm2 copper pads per terminal – Montage auf Leiterplatte mit 25 mm2 Kupferbelag je Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
Rated forward current vs. temp. of the terminals
in Abh. v. d. Temp. der Terminals
Zul. Richtstrom
120
100
80
60
40
20
0
I
FAV
[%]
[°C]
T
T
150
100
50
0
104
10
10
10
1
3
2
1
[µA]
I
R
0
V
RRM
40
60
80
100 [%]
Typ. instantaneous leakage current vs. reverse voltage
Typ. Sperrstrom (Augenblickswert) ü. Sperrspannung
T = 25°C
j
T = 75°C
j
T = 100°C
j
20V...40V
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0
V
F
0.4
0.6
[V]
1.0
10
10
1
10
10
2
-1
-2
SK18...115
25°C
SK15...16
SK12...14
125°C
[pF]
[V]
C
j
V
R
T = 25°C
f = 1.0 MHz
j
Junction capacitance vs. reverse voltage (typical)
Sperrschichtkapazität in Abh. v.d. Sperrspg. (typ.)
20V...40V
50V...150V


Similar Part No. - SK15

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SK15 MOSPEC-SK15 Datasheet
228Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
logo
Cystech Electonics Corp...
SK15 CYSTEKEC-SK15 Datasheet
199Kb / 5P
   1.0Amp. Surface Mount Schottky Barrier Diodes
logo
Won-Top Electronics
SK15 WTE-SK15 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Nanjing International G...
SK15 DGNJDZ-SK15 Datasheet
178Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Silicon Standard Corp.
SK15 SSC-SK15 Datasheet
264Kb / 2P
   SCHOTTKY BARRIER RECIFITERS
More results

Similar Description - SK15

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK1520YD2 DIOTEC-SK1520YD2_17 Datasheet
169Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK4035CD2 DIOTEC-SK4035CD2 Datasheet
180Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK32SMA DIOTEC-SK32SMA_17 Datasheet
159Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
PPL2060 DIOTEC-PPL2060 Datasheet
165Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK34SMA-3G DIOTEC-SK34SMA-3G_18 Datasheet
160Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK52 DIOTEC-SK52_18 Datasheet
157Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
PPL2060 DIOTEC-PPL2060_19 Datasheet
148Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SKL32 DIOTEC-SKL32_18 Datasheet
135Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK1820D2 DIOTEC-SK1820D2_17 Datasheet
170Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK52 DIOTEC-SK52_15 Datasheet
150Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK12 DIOTEC-SK12_15 Datasheet
151Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com