Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFE1G Datasheet(PDF) 1 Page - Diotec Semiconductor

Part No. SFE1G
Description  Superfast Switching SMD Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SFE1G Datasheet(HTML) 1 Page - Diotec Semiconductor

  SFE1G Datasheet HTML 1Page - Diotec Semiconductor SFE1G Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SFE1A ... SFE1M
SFE1A ... SFE1M
Superfast Switching SMD Rectifier Diodes
SMD-Gleichrichterdioden mit superschnellem Sperrverzug
IFAV = 1 A
VF1 < 1.0 V
Tjmax = 150°C
VRRM = 50...1000 V
IFSM = 27/30 A
trr
< 50...75 ns
Version 2018-02-01
~ DO-213AB
Plastic MELF
Dimensions - Maße [mm]
Typical Applications
Rectification of higher frequencies,
High speed switching
Commercial grade 1)
Typische Anwendungen
Gleichrichtung hoher Frequenzen
Schnelles Schalten
Standardausführung 1)
Features
High power dissipation
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Hohe Leistungsfähigkeit
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
5000 / 13“
Gegurtet auf Rolle
Weight approx.
0.12 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Maximum ratings 2)
Grenzwerte 2)
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
SFE1A
50
50
SFE1B
100
100
SFE1D
200
200
SFE1G
400
400
SFE1J
600
600
SFE1K
800
800
SFE1M
1000
1000
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TT = 100°C
IFAV
1 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
TT = 100°C
IFRM
10 A
Peak forward surge current
Stoßstrom in Fluss-Richtung
Half sine-wave
Sinus-Halbwelle
50 Hz (10 ms)
60 Hz (8.3 ms)
IFSM
27 A
30 A
Rating for fusing
Grenzlastintegral
t < 10 ms
i2t
4.5 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C unless otherwise specified – TA = 25°C wenn nicht anders angegeben
© Diotec Semiconductor AG
http://www.diotec.com/
1
Pb
RoHS


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn