Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK12 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # SK12
Description  SMD Schottky Barrier Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SK12 Datasheet(HTML) 1 Page - Diotec Semiconductor

  SK12 Datasheet HTML 1Page - Diotec Semiconductor SK12 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SK12 ... SK115
SK12 ... SK115
SMD Schottky Barrier Rectifier Diodes
SMD Schottky-Gleichrichterdioden
IFAV = 1 A
VF1 < 0.50 V
Tjmax = 150°C
VRRM = 20...150 V
IFSM = 30/33 A
Version 2018-02-07
~ SMA / ~ DO-214AC
Dimensions - Maße [mm]
Typical Applications
Output Rectification in DC/DC
Converters, Polarity Protection,
Free-wheeling diodes
Commercial grade 1)
Typische Anwendungen
Ausgangsgleichrichtung in
Gleichstromwandlern, Verpolschutz,
Freilaufdioden
Standardausführung 1)
Features
Low forward voltage drop
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Niedrige Fluss-Spannung
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
7500 / 13“
Gegurtet auf Rolle
Weight approx.
0.07 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Maximum ratings 2)
Grenzwerte 2)
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
Surge peak reverse voltage
Stoßspitzensperrspannung
VRRM [V]
VRSM [V]
SK12
20
20
SK13
30
30
SK14
40
40
SK15
50
50
SK16
60
60
SK18
80
80
SK110
100
100
SK115
150
150
Average forward current
Dauergrenzstrom
TT = 100°C
IFAV
1 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
TT = 100°C
IFAV
6 A
Peak forward surge current
Stoßstrom in Fluss-Richtung
Half sine-wave
Sinus-Halbwelle
50 Hz (10 ms)
60 Hz (8.3 ms)
IFSM
30 A
33 A
Rating for fusing − Grenzlastintegral
t < 10 ms
i2t
4.5 A2s
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C unless otherwise specified – TA = 25°C wenn nicht anders angegeben
© Diotec Semiconductor AG
http://www.diotec.com/
1
Type
Typ
0.15
1
± 0.3
4.5± 0.3
5
± 0.2
Pb
RoHS


Similar Part No. - SK12

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SK12 MOSPEC-SK12 Datasheet
228Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
logo
Nantong Hornby Electron...
SK12 HORNBY-SK12 Datasheet
315Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SK12 TAYCHIPST-SK12 Datasheet
1Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SHENZHEN YONGERJIA INDU...
SK12 WINNERJOIN-SK12 Datasheet
205Kb / 2P
   CHIP SCHOTTKY BARRIER DIODES
logo
Semikron International
SK12 SEMIKRON-SK12 Datasheet
141Kb / 2P
   Schottky barrier rectifiers diodes
More results

Similar Description - SK12

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK1520YD2 DIOTEC-SK1520YD2_17 Datasheet
169Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK4035CD2 DIOTEC-SK4035CD2 Datasheet
180Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK32SMA DIOTEC-SK32SMA_17 Datasheet
159Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
PPL2060 DIOTEC-PPL2060 Datasheet
165Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK34SMA-3G DIOTEC-SK34SMA-3G_18 Datasheet
160Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK52 DIOTEC-SK52_18 Datasheet
157Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
PPL2060 DIOTEC-PPL2060_19 Datasheet
148Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SKL32 DIOTEC-SKL32_18 Datasheet
135Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK1820D2 DIOTEC-SK1820D2_17 Datasheet
170Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK52 DIOTEC-SK52_15 Datasheet
150Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK12 DIOTEC-SK12_15 Datasheet
151Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com