Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29F512-55SCP Datasheet(PDF) 6 Page - Eon Silicon Solution Inc.

Part # EN29F512-55SCP
Description  512 Kbit (64K x 8-bit) 5V Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29F512-55SCP Datasheet(HTML) 6 Page - Eon Silicon Solution Inc.

Back Button EN29F512-55SCP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29F512-55SCP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29F512-55SCP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29F512-55SCP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29F512-55SCP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29F512-55SCP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29F512-55SCP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29F512-55SCP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29F512-55SCP Datasheet HTML 10Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
6
EN29F512
Rev. A, Issue Date: 2003/10/20
USER MODE DEFINITIONS
Standby Mode
The EN29F512 has a CMOS-compatible standby mode, which reduces the current to
< 1µA (typical).
It is placed in CMOS-compatible standby when the CE pin is at VCC ± 0.5. The device also has a
TTL-compatible standby mode, which reduces the maximum VCC current to < 1mA. It is placed in
TTL-compatible standby when the CE pin is at VIH. When in standby modes, the outputs are in a
high-impedance state independent of the OE input.
Read Mode
The device is automatically set to reading array data after device power-up. No commands are
required to retrieve data. The device is also ready to read array data after completing an Embedded
Program or Embedded Erase algorithm.
After the device accepts an Erase Suspend command, the device enters the Erase Suspend mode.
The system can read array data using the standard read timings, except that if it reads at an address
within erase-suspended sectors, the device outputs status data. After completing a programming
operation in the Erase Suspend mode, the system may once again read array data with the same
exception. See “Erase Suspend/Erase Resume Commands” for more information on this mode.
The system must issue the reset command to re-enable the device for reading array data if DQ5
goes high, or while in the autoselect mode. See “Reset Command” section.
See also “Requirements for Reading Array Data” in the “Device Bus Operations” section for more
information. The Read Operations table provides the read parameters, and Read Operation Timings
diagram shows the timing diagram.
Output Disable Mode
When the OE pin is at a logic high level (VIH), the output from the EN29F512 is disabled. The
output pins are placed in a high impedance state.
Auto Select Identification Mode
The autoselect mode provides manufacturer and device identification, and sector protection
verification, through identifier codes output on DQ7–DQ0. This mode is primarily intended for
programming equipment to automatically match a device to be programmed with its corresponding
programming algorithm. However, the autoselect codes can also be accessed in-system through the
command register.
When using programming equipment, the autoselect mode requires VID (10.5 V to 11.5 V) on
address pin A9. Address pins A6, A1, and A0 must be as shown in Autoselect Codes (High Voltage
Method) table. In addition, when verifying sector protection, the sector address must appear on the
appropriate highest order address bits. Refer to the corresponding Sector Address Tables. The
Command Definitions table shows the remaining address bits that are don’t care. When all
necessary bits have been set as required, the programming equipment may then read the
corresponding identifier code on DQ7–DQ0.
To access the autoselect codes in-system; the host system can issue the autoselect command via
the command register, as shown in the Command Definitions table. This method does not require
VID. See “Command Definitions” for details on using the autoselect mode.


Similar Part No. - EN29F512-55SCP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F002 ETC-EN29F002 Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
logo
Eon Silicon Solution In...
EN29F002A EON-EN29F002A Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JC EON-EN29F002AB-45JC Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JCP EON-EN29F002AB-45JCP Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JI EON-EN29F002AB-45JI Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
More results

Similar Description - EN29F512-55SCP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV512 EON-EN29LV512 Datasheet
403Kb / 35P
   512 Kbit (64K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
ELAN Microelectronics C...
EM25LV512 EMC-EM25LV512 Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
logo
Winbond
W29EE512 WINBOND-W29EE512 Datasheet
153Kb / 22P
   64K X 8 CMOS FLASH MEMORY
logo
Sharp Corporation
LH28F004SU SHARP-LH28F004SU Datasheet
2Mb / 39P
   4Mbit(512Kbit x 8, 256 Kbit x 16) 5V Single Voltage Flash Memory
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
   512K (64K x 8) CMOS FLASH MEMORY
logo
Winbond
W39L040 WINBOND-W39L040 Datasheet
334Kb / 27P
   512 K X 8 CMOS FLASH MEMORY
logo
Eon Silicon Solution In...
EN29F010 EON-EN29F010 Datasheet
429Kb / 35P
   1 Megabit (128K x 8-bit) 5V Flash Memory
logo
Sharp Corporation
LH28F800BG SHARP-LH28F800BG Datasheet
242Kb / 40P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F800SG SHARP-LH28F800SG Datasheet
286Kb / 42P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
logo
SPANSION
MBM29F004TC-70 SPANSION-MBM29F004TC-70 Datasheet
474Kb / 53P
   FLASH MEMORY CMOS 4 M (512 K X 8) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com