Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPGAL22V10C-15LK Datasheet(PDF) 6 Page - Lattice Semiconductor

Part # ISPGAL22V10C-15LK
Description  In-System Programmable E2CMOS PLD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPGAL22V10C-15LK Datasheet(HTML) 6 Page - Lattice Semiconductor

Back Button ISPGAL22V10C-15LK Datasheet HTML 2Page - Lattice Semiconductor ISPGAL22V10C-15LK Datasheet HTML 3Page - Lattice Semiconductor ISPGAL22V10C-15LK Datasheet HTML 4Page - Lattice Semiconductor ISPGAL22V10C-15LK Datasheet HTML 5Page - Lattice Semiconductor ISPGAL22V10C-15LK Datasheet HTML 6Page - Lattice Semiconductor ISPGAL22V10C-15LK Datasheet HTML 7Page - Lattice Semiconductor ISPGAL22V10C-15LK Datasheet HTML 8Page - Lattice Semiconductor ISPGAL22V10C-15LK Datasheet HTML 9Page - Lattice Semiconductor ISPGAL22V10C-15LK Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Specifications ispGAL22V10
6
VIL
Input Low Voltage
Vss – 0.5
0.8
V
VIH
Input High Voltage
2.0
Vcc+1
V
IIL
Input or I/O Low Leakage Current1
0V
≤ VIN ≤ VIL (MAX.)
–100
µA
SDI Low Leakage Current2
0V
≤ VIN ≤ VIL (MAX.)
250
µA
IIH
Input or I/O High Leakage Current
3.5V
≤ VIN ≤ VCC
——
10
µA
SDI High Leakage Current2
VIN
= VOH (MIN.)
1
mA
VOL
Output Low Voltage
IOL = MAX. Vin = VIL or VIH
0.5
V
VOH
Output High Voltage
IOH = MAX. Vin = VIL or VIH
2.4
V
IOL
Low Level Output Current
16
mA
IOH
High Level Output Current
–3.2
mA
IOS3
Output Short Circuit Current
VCC = 5V
VOUT = 0.5V
T
A = 25°C
–30
–130
mA
RECOMMENDED OPERATING COND.
Commercial Devices:
Ambient Temperature (T
A) ............................. 0 to +75°C
Supply voltage (V
CC)
with Respect to Ground ..................... +4.75 to +5.25V
Industrial Devices:
Ambient Temperature (T
A) ............................ -40 to 85°C
Supply voltage (V
CC)
with Respect to Ground ..................... +4.50 to +5.50V
DC ELECTRICAL CHARACTERISTICS
Over Recommended Operating Conditions (Unless Otherwise Specified)
SYMBOL
PARAMETER
CONDITION
MIN.
TYP.4
MAX.
UNITS
COMMERCIAL
ICC
Operating Power
VIL = 0.5V
VIH = 3.0V
L -7/-10/-15
90
140
mA
Supply Current
ftoggle = 15MHz Outputs Open
ABSOLUTE MAXIMUM RATINGS(1)
Supply voltage V
CC .......................................
-
0.5 to +7V
Input voltage applied ........................... -2.5 to V
CC +1.0V
Off-state output voltage applied ........... -2.5 to V
CC +1.0V
Storage Temperature .................................. -65 to 150
°C
Ambient Temperature with
Power Applied ......................................... -55 to 125
°C
1. Stresses above those listed under the “Absolute Maximum
Ratings” may cause permanent damage to the device. These
are stress only ratings and functional operation of the device
at these or at any other conditions above those indicated in
the operational sections of this specification is not implied
(while programming, follow the programming specifications).
Specifications ispGAL22V10C
ispGAL22V10B
1) The leakage current is due to the internal pull-up on all pins (except SDI on ispGAL22V10C). See Input Buffer section for
more information.
2) The leakage current is due to the internal pull-down on the SDI pin (ispGAL22V10C only). See Input Buffer section for more
information.
3) One output at a time for a maximum duration of one second. Vout = 0.5V was selected to avoid test problems caused by tester
ground degradation. Characterized but not 100% tested.
4) Typical values are at Vcc = 5V and TA = 25
°C
INDUSTRIAL
ICC
Operating Power
VIL = 0.5V
VIH = 3.0V
L -15
90
165
mA
Supply Current
ftoggle = 15MHz Outputs Open


Similar Part No. - ISPGAL22V10C-15LK

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPGDS14-7J LATTICE-ISPGDS14-7J Datasheet
104Kb / 8P
   in-system programmable Generic Digital SwitchTM
ISPGDS14-7P LATTICE-ISPGDS14-7P Datasheet
104Kb / 8P
   in-system programmable Generic Digital SwitchTM
ISPGDS18-7P LATTICE-ISPGDS18-7P Datasheet
104Kb / 8P
   in-system programmable Generic Digital SwitchTM
ISPGDS22 LATTICE-ISPGDS22 Datasheet
104Kb / 8P
   in-system programmable Generic Digital SwitchTM
ISPGDS22-7J LATTICE-ISPGDS22-7J Datasheet
104Kb / 8P
   in-system programmable Generic Digital SwitchTM
More results

Similar Description - ISPGAL22V10C-15LK

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com