Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK1 Datasheet(PDF) 2 Page - Littelfuse

Part # AK1
Description  The AK1 series of high power TVS diode is specially designed for meeting severe surge test environment of both AC and DC line protection applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

AK1 Datasheet(HTML) 2 Page - Littelfuse

  AK1 Datasheet HTML 1Page - Littelfuse AK1 Datasheet HTML 2Page - Littelfuse AK1 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Transient Voltage Suppression Diodes
© 2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/20/15
Axial Leaded – 1kA > AK1 series
Flow/Wave Soldering (Solder Dipping)
Peak Temperature :
265OC
Dipping Time :
10 seconds
Soldering :
1 time
Physical Specifications
Weight
Contact manufacturer
Case
Epoxy encapsulated
Terminal
Silver plated leads, solderable per
MIL-STD-750 Method 2026
0
20
40
60
80
100
0255075
100
125
T
J - Initial Junction Temperature (ºC)
Figure 3 - Peak Power Derating
Ratings and Characteristic Curves (T
A=25°C unless otherwise noted)
Figure 4 - Typical Peak Pulse Power Rating Curve
1
10
100
1000
0.00001
0.0001
0.001
t
d-Pulse Width (sec.)
8/20µs
10/350µs
10/1000µs
0
50
100
150
200
250
300
0
0.5
1
1.5
2
2.5
3
3.5
4
TIME(MINUTES)
Maximum Wave 240C
Figure 1 - Non Lead-free Profile
Wave Solder Profile
Figure 2 - Lead-free Profile
0
50
100
150
200
250
300
0
0.5
1
1.5
2
2.5
3
3.5
4
TIME(MINUTES)
Maximum Wave 260C
continues on next page.


Similar Part No. - AK1

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
AK1-076C MCC-AK1-076C Datasheet
238Kb / 3P
   Micro Commercial Components 20736 Marilla Street Chatsworth CA 91311
logo
SUNMATE electronic Co.,...
AK1-076C SUNMATE-AK1-076C Datasheet
311Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSION DIODES
logo
Micro Commercial Compon...
AK1-076C MCC-AK1-076C Datasheet
762Kb / 4P
   AK Series TVS Diodes 58-430 Volts
logo
Shanghai Leiditech Elec...
AK1-076C LEIDITECH-AK1-076C Datasheet
539Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSION DIODES
logo
HuaXinAn Electronics CO...
AK1-076C HUAXINAN-AK1-076C Datasheet
234Kb / 1P
   8x20uS 1KA Transient Voltage Suppressors
More results

Similar Description - AK1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AK3 LITTELFUSE-AK3 Datasheet
838Kb / 4P
   The AK3 series of high power TVS diode is specially designed for meeting severe surge test environment of both AC and DC line protection applications
AK15 LITTELFUSE-AK15 Datasheet
817Kb / 4P
   The AK15 series of high power TVS diode is specially designed for meeting severe surge test environment of both AC and DC line protection applications
logo
Murata Manufacturing Co...
VFS9VD31B223Q91 MURATA1-VFS9VD31B223Q91_V01 Datasheet
346Kb / 3P
   VFS9V series is designed for surge protection of the power supply.
08/24/2022
VFS9VD31B223Q55 MURATA1-VFS9VD31B223Q55_V01 Datasheet
286Kb / 3P
   VFS9V series is designed for surge protection of the power supply.
08/24/2022
VFS9VD31B223Q93 MURATA1-VFS9VD31B223Q93_V01 Datasheet
346Kb / 3P
   VFS9V series is designed for surge protection of the power supply.
08/24/2022
VFS9VD31B223Q92 MURATA1-VFS9VD31B223Q92_V01 Datasheet
346Kb / 3P
   VFS9V series is designed for surge protection of the power supply.
08/24/2022
VFS6VD81E221T51 MURATA1-VFS6VD81E221T51_V01 Datasheet
241Kb / 3P
   VFS6V series is designed for surge protection of signal line.
08/24/2022
VFS6VD81E221U31 MURATA1-VFS6VD81E221U31_V01 Datasheet
299Kb / 3P
   VFS6V series is designed for surge protection of signal line.
08/24/2022
logo
Power System Technology
PST02 PST-PST02 Datasheet
259Kb / 4P
   This range of power supplies is specially designed
PST03 PST-PST03 Datasheet
293Kb / 4P
   This range of power supplies is specially designed
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com