Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NESW157AT Datasheet(PDF) 9 Page - NICHIA CORPORATION

Part # NESW157AT
Description  ?썼돯LED 與숁틬餓뺞쭣?
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NESW157AT Datasheet(HTML) 9 Page - NICHIA CORPORATION

Back Button NESW157AT Datasheet HTML 5Page - NICHIA CORPORATION NESW157AT Datasheet HTML 6Page - NICHIA CORPORATION NESW157AT Datasheet HTML 7Page - NICHIA CORPORATION NESW157AT Datasheet HTML 8Page - NICHIA CORPORATION NESW157AT Datasheet HTML 9Page - NICHIA CORPORATION NESW157AT Datasheet HTML 10Page - NICHIA CORPORATION NESW157AT Datasheet HTML 11Page - NICHIA CORPORATION NESW157AT Datasheet HTML 12Page - NICHIA CORPORATION NESW157AT Datasheet HTML 13Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
NICHIA STS-DA1-1212D <Cat.No.110518>
8
ロット番号
ロット番号は以下のように英数字で表記します。
YMxxxx - RRR
Y - 製造年
Y
2009
9
2010
A
2011
B
2012
C
2013
D
2014
E
M - 製造月
M
M
1
1
7
7
2
2
8
8
3
3
9
9
4
4
10
A
5
5
11
B
6
6
12
C
xxxx-当社管理番号
RRR-色度ランク、光束ランク


Similar Part No. - NESW157AT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NESW157AT-H3 NICHIA-NESW157AT-H3 Datasheet
297Kb / 17P
   SPECIFICATIONS FOR WHITE LED
More results

Similar Description - NESW157AT

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MDQ100A DGNJDZ-MDQ100A Datasheet
546Kb / 2P
   ?뺟쎑?닸탛與▼쓼
logo
BOWIN ELECTRONIC CO.
CDT3460 BOWIN-CDT3460 Datasheet
105Kb / 3P
   ??뇠LED 與→벉??뇠?껆닄
logo
Torex Semiconductor
XC2406A816UR-G TOREX-XC2406A816UR-G Datasheet
429Kb / 18P
   1.6GHz ON/OFF 艅잒꺗餓섅걤LNA
XC2407A816UR-G TOREX-XC2407A816UR-G Datasheet
481Kb / 18P
   1.6GHz ON/OFF 艅잒꺗餓섅걤LNA
XC2408A816UR-G TOREX-XC2408A816UR-G Datasheet
455Kb / 18P
   1.6GHz ON/OFF 艅잒꺗餓섅걤 LNA
logo
Lowpower Semiconductor ...
LP7801 POWER-LP7801 Datasheet
947Kb / 7P
   擁끺퐥?잒??녔쑛?끿뵷餓볞툜?②뒸?
LP7801T POWER-LP7801T Datasheet
961Kb / 7P
   擁끺퐥?잒??녔쑛?끿뵷餓볞툜?②뒸?
LP7801D POWER-LP7801D Datasheet
943Kb / 7P
   擁끺퐥?잒??녔쑛?끿뵷餓볞툜?②뒸?
LP7801L POWER-LP7801L Datasheet
690Kb / 6P
   擁끺퐥?잒??녔쑛?끿뵷餓볞툜?②뒸?
logo
Asahi Kasei Microsystem...
AK4591VQ AKM-AK4591VQ Datasheet
480Kb / 41P
   ?ε뒟?삠꺃??궭餓?4bit 4ch ADC 24bit 6ch DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com