Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IC62C1024 Datasheet(PDF) 2 Page - Integrated Circuit Solution Inc

Part No. IC62C1024
Description  128K X 8 HIGH SPEED CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62C1024 Datasheet(HTML) 2 Page - Integrated Circuit Solution Inc

  IC62C1024 Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62C1024 Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62C1024 Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62C1024 Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62C1024 Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62C1024 Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62C1024 Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62C1024 Datasheet HTML 8Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Integrated Circuit Solution Inc.
ALSR005-0A
1+$ + "
TRUTH TABLE
Mode
WE
WE
WE
WE
WE
CE1
CE1
CE1
CE1
CE1 CE2 OE
OE
OE
OE
OE
I/O Operation
Vcc Current
Not Selected
X
H
X
X
High-Z
ISB, ISB
(Power-down)
X
X
L
X
High-Z
ISB, ISB
Output Disabled H
L
H
H
High-Z
ICC
Read
H
L
H
L
DOUT
ICC
Write
L
L
H
X
DIN
ICC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
NC
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
VCC
A15
CE2
WE
A13
A8
A9
A11
OE
A10
CE1
I/O7
I/O6
I/O5
I/O4
I/O3
PIN CON.IGURATION
32-Pin SOP and DIP
PIN DESCRIPTIONS
A0-A16
Address Inputs
CE1
Chip Enable 1 Input
CE2
Chip Enable 2 Input
OE
Output Enable Input
WE
Write Enable Input
I/O0-I/O7
Input/Output
Vcc
Power
GND
Ground
OPERATING RANGE
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
5V ± 10%
Industrial
–40°C to +85°C
5V ± 10%
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A11
A9
A8
A13
WE
CE2
A15
VCC
NC
A16
A14
A12
A7
A6
A5
A4
OE
A10
CE1
I/O7
I/O6
I/O5
I/O4
I/O3
GND
I/O2
I/O1
I/O0
A0
A1
A2
A3
PIN CON.IGURATION
32-Pin 8x20mm TSOP-1


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
T14M1024A 128K X 8 HIGH SPEED CMOS STATIC RAM 1  2  3  4  5  More Taiwan Memory Technology
P4C1024 HIGH SPEED 128K X 8 CMOS STATIC RAM 1  2  3  4  5  More Pyramid Semiconductor Corporation
W24L010A 128K X 8 High Speed CMOS Static RAM 1  2  3  4  5  More Winbond
W24L011A 128K X 8 High Speed CMOS Static RAM 1  2  3  4  5  More Winbond
W24L11 128K X 8 High Speed CMOS Static RAM 1  2  3  4  5  More Winbond
W26020A 128K X 16 High Speed CMOS Static RAM 1  2  3  4  5  More Winbond
T14L1024A 128K X 8 HIGH SPEED CMOS STATIC RAM 1  2  3  4  5  More Taiwan Memory Technology
P3C1024 HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM 1  2  List of Unclassifed Manufacturers
T14L1024N 128K X 8 HIGH SPEED CMOS STATIC RAM 1  2  3  4  5  More Taiwan Memory Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn