Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

IC61LV6416 Datasheet(PDF) 5 Page - Integrated Circuit Solution Inc

Part No. IC61LV6416
Description  64K x 16 Hight Speed SRAM with 3.3V
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICSI [Integrated Circuit Solution Inc]
Homepage  http://www.icsi.com.tw
Logo 

IC61LV6416 Datasheet(HTML) 5 Page - Integrated Circuit Solution Inc

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IC61LV6416
Integrated Circuit Solution Inc.
5
AHSR026-0A
09/12/2001
1
2
3
4
5
6
7
8
9
10
11
12
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-8
-10
-12
-15
Symbol Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tRC
Read Cycle Time
8
10
12
15
ns
tAA
Address Access Time
8
10
12
15
ns
tOHA
Output Hold Time
3
3
3
3
ns
tACE
CE Access Time
8
10
12
15
ns
tDOE
OE Access Time
4
5
6
7
ns
tHZOE(2) OE to High-Z Output
0
4
5
6
0
6
ns
tLZOE(2)
OE to Low-Z Output
0
0
0
0
ns
tHZCE(2
CE to High-Z Output
0
4
0
5
0
6
0
6
ns
tLZCE(2)
CE to Low-Z Output
3
3
3
3
ns
tBA
LB, UB Access Time
4
5
6
7
ns
tHZB
LB, UB to High-Z Output
0
4
0
5
0
6
0
6
ns
tLZB
LB, UB to Low-Z Output
0
0
0
0
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of
0 to 3.0V and output loading specified in Figure 1a.
2. Tested with the load in Figure 1b. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. Not 100% tested.
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0V to 3.0V
Input Rise and Fall Times
3 ns
Input and Output Timing
1.5V
and Reference Level
Output Load
See Figures 1a and 1b
Notes:
1. The Vcc operating range for 8 ns is 3.3V +10%, -5%.
CAPACITANCE(1)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Input/Output Capacitance
VOUT = 0V
8
pF
Note:
1. Tested initially and after any design or process changes that may affect these parameters.
AC TEST LOADS
Figure 1a.
Figure 1b.
319
30 pF
Including
jig and
scope
353
OUTPUT
3.3V
319
5 pF
Including
jig and
scope
353
OUTPUT
3.3V


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IC61LV2568256K x 8 Hight Speed SRAM with 3.3V 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
IC61LV25632K x 8 Hight Speed SRAM with 3.3V 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
IC61LV12816128K x 16 Hight Speed SRAM with 3.3V 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
IDT70V7288SHIGH-SPEED 3.3V 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS 1 2 3 4 5 MoreIntegrated Device Technology
AS7C3364NTD32B3.3V 64K x 32/36 Pipelined SRAM with NTD 1 2 3 4 5 MoreAlliance Semiconductor Corporation
AS7C3364NTF32B3.3V 64K x 32/36 Flowthrough Synchronous SRAM with NTD 1 2 3 4 5 MoreAlliance Semiconductor Corporation
DS3050W3.3V Single-Piece 4Mb Nonvolatile SRAM with Clock 1 2 3 4 5 MoreMaxim Integrated Products
AS7C331MNTF32A3.3V 1M x 32/36 Flowthrough SRAM with NTD 1 2 3 4 5 MoreAlliance Semiconductor Corporation
AS7C3364PFD32B3.3V 64K X 32/36 pipeline burst synchronous SRAM 1 2 3 4 5 MoreAlliance Semiconductor Corporation
AS7C33512NTF18A3.3V 512K x 18 Flowthrough Synchronous SRAM with NTD 1 2 3 4 5 MoreAlliance Semiconductor Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn