Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

IC61LV6416 Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part No. IC61LV6416
Description  64K x 16 Hight Speed SRAM with 3.3V
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICSI [Integrated Circuit Solution Inc]
Homepage  http://www.icsi.com.tw
Logo 

IC61LV6416 Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IC61LV6416
4
Integrated Circuit Solution Inc.
AHSR026-0A
09/12/2001
OPERATING RANGE
Range
Ambient Temperature
Vcc
Commercial
0°C to +70°C
3.3V ± 10%
Industrial
–40°C to +85°C
3.3V ± 10%
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-8 ns
-10 ns
-12 ns
-15 ns
Symbol
Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Min. Max. Unit
ICC
Vcc Dynamic Operating
VCC = Max.,
Com.
220
200
180
180
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
230
210
190
190
ISB1
TTL Standby Current
VCC = Max.,
Com.
30
30
30
30
mA
(TTL Inputs)
VIN = VIH or VIL
Ind.
40
40
40
40
CE
≥ VIH , f = 0
ISB2
CMOS Standby
VCC = Max.,
Com.
10
10
10
10
mA
Current (CMOS Inputs)
CE
≥ VCC – 0.2V,
Ind.
15
15
15
15
VIN
≥ VCC – 0.2V, or
VIN
≤ 0.2V, f = 0
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2
VCC + 0.3
V
VIL
Input LOW Voltage(1)
–0.3
0.8
V
ILI
Input Leakage
GND
≤ VIN ≤ VCC
Com.
–2
2
µA
Ind.
-5
5
ILO
Output Leakage
GND
≤ VOUT ≤ VCC, Outputs Disabled
Com.
–2
2
µA
Ind.
-5
5
Notes:
1. VIL (min.) = –2.0V for pulse width less than 10 ns.
2. The Vcc operating range for 8 ns is 3.3V +10%, -5%.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to Vcc+0.5
V
TSTG
Storage Temperature
–65 to +150
°C
PT
Power Dissipation
1.5
W
IOUT
DC Output Current (LOW)
20
mA
Note:
1. Stress greater than those listed under
ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the
device. This is a stress rating only and
functional operation of the device at
these or any other conditions above
those indicated in the operational sec-
tions of this specification is not implied.
Exposure to absolute maximum rating
conditions for extended periods may
affect reliability.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IC61LV2568256K x 8 Hight Speed SRAM with 3.3V 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
IC61LV25632K x 8 Hight Speed SRAM with 3.3V 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
IC61LV12816128K x 16 Hight Speed SRAM with 3.3V 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
IDT70V7288SHIGH-SPEED 3.3V 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS 1 2 3 4 5 MoreIntegrated Device Technology
AS7C3364NTD32B3.3V 64K x 32/36 Pipelined SRAM with NTD 1 2 3 4 5 MoreAlliance Semiconductor Corporation
AS7C3364NTF32B3.3V 64K x 32/36 Flowthrough Synchronous SRAM with NTD 1 2 3 4 5 MoreAlliance Semiconductor Corporation
DS3050W3.3V Single-Piece 4Mb Nonvolatile SRAM with Clock 1 2 3 4 5 MoreMaxim Integrated Products
AS7C331MNTF32A3.3V 1M x 32/36 Flowthrough SRAM with NTD 1 2 3 4 5 MoreAlliance Semiconductor Corporation
AS7C3364PFD32B3.3V 64K X 32/36 pipeline burst synchronous SRAM 1 2 3 4 5 MoreAlliance Semiconductor Corporation
AS7C33512NTF18A3.3V 512K x 18 Flowthrough Synchronous SRAM with NTD 1 2 3 4 5 MoreAlliance Semiconductor Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn