Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29F040A-90PCP Datasheet(PDF) 10 Page - Eon Silicon Solution Inc.

Part # EN29F040A-90PCP
Description  4 Megabit (512K x 8-bit) Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29F040A-90PCP Datasheet(HTML) 10 Page - Eon Silicon Solution Inc.

Back Button EN29F040A-90PCP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29F040A-90PCP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29F040A-90PCP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29F040A-90PCP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29F040A-90PCP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29F040A-90PCP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN29F040A-90PCP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN29F040A-90PCP Datasheet HTML 13Page - Eon Silicon Solution Inc. EN29F040A-90PCP Datasheet HTML 14Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
10
EN29F040A
Rev. B, Issue Date: 2004/04/01
The system must write the Erase Resume command (address bits are “don’t care”) to exit the
erase suspend mode and continue the sector erase operation. Further writes of the Resume command
are ignored. Another Erase Suspend command can be written after the device has resumed erasing.
Sector Protection/Unprotection
The hardware sector protection feature disables both program and erase operations in any sector. The
hardware sector unprotection feature re-enables both program and erase operations in previously
protected sectors.
Sector protection/unprotection must be implemented using programming equipment. The procedure re-
quires a high voltage (VID) on address pin A9 and the control pins.
Contact Eon Silicon Solution, Inc. for
an additional supplement on this feature.


Similar Part No. - EN29F040A-90PCP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F040 ETC-EN29F040 Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
EN29F040-45J ETC-EN29F040-45J Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
EN29F040-45JI ETC-EN29F040-45JI Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
EN29F040-45P ETC-EN29F040-45P Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
EN29F040-45PI ETC-EN29F040-45PI Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
More results

Similar Description - EN29F040A-90PCP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F040 ETC-EN29F040 Datasheet
223Kb / 32P
   4 Megabit (512K x 8-bit) Flash Memory
logo
ATMEL Corporation
AT49BV040B ATMEL-AT49BV040B Datasheet
355Kb / 21P
   4-megabit (512K x 8) Flash Memory
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
logo
ATMEL Corporation
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV8192A-11TI ATMEL-AT49BV8192A-11TI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49BV004 ATMEL-AT49BV004 Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com