Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4532X5R1C336MT Datasheet(PDF) 5 Page - International Rectifier

Part # C4532X5R1C336MT
Description  IRDCiP1202-A, 300kHz, Dual 15A, 5.5VIN to 13.2VIN Dual Output Synchronous Buck Converter using iP1202
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

C4532X5R1C336MT Datasheet(HTML) 5 Page - International Rectifier

  C4532X5R1C336MT Datasheet HTML 1Page - International Rectifier C4532X5R1C336MT Datasheet HTML 2Page - International Rectifier C4532X5R1C336MT Datasheet HTML 3Page - International Rectifier C4532X5R1C336MT Datasheet HTML 4Page - International Rectifier C4532X5R1C336MT Datasheet HTML 5Page - International Rectifier C4532X5R1C336MT Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.irf.com
5
IRDCiP1202-A
Fig. 5 - Component Placement (Top View) SideLayer
Fig. 6 - Component Placement (Bottom View)


Similar Part No. - C4532X5R1C336MT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C4532X5R1C336M TDK-C4532X5R1C336M Datasheet
101Kb / 15P
   General Multilayer Ceramic Chip Capacitors C Series
C4532X5R1C336M250KA TDK-C4532X5R1C336M250KA Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C4532X5R1C336M250KA TDK-C4532X5R1C336M250KA_17 Datasheet
234Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C4532X5R1C336MT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDCIP1201-A IRF-IRDCIP1201-A Datasheet
212Kb / 6P
   300kHz, Dual 15A, 3.14V IN to 5.5V IN Dual Output Synchronous Buck Converter using iP1201
logo
Linear Technology
LTC3855EFE LINER-LTC3855EFE Datasheet
312Kb / 12P
   Dual Output Synchronous Buck Converter
LTC3850EUF LINER-LTC3850EUF Datasheet
432Kb / 10P
   Dual Phase/Dual Output Synchronous Buck Converter
logo
International Rectifier
IRDCIP1203-A IRF-IRDCIP1203-A Datasheet
1Mb / 14P
   IRDCiP1203-A: 400kHz, 15A, Synchronous Buck Converter Using iP1203
IRDCIP1206-B IRF-IRDCIP1206-B Datasheet
2Mb / 17P
   IRDCiP1206-B: 300 kHz, Dual Output, Synchronous Buck Converter using iP1206
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
International Rectifier
IRDCIP1001-B IRF-IRDCIP1001-B Datasheet
586Kb / 6P
   200kHz to 300kHz, 20A, 5VIN to 12VIN Single Phase Synchronous Buck Converter using iP1001
logo
Linear Technology
LTC3861EUHE LINER-LTC3861EUHE Datasheet
603Kb / 12P
   High Current, Dual Output Synchronous Buck Converter
logo
Rohm
BD93291EFJ ROHM-BD93291EFJ Datasheet
986Kb / 25P
   Dual Synchronous Buck Converter
logo
Linear Technology
LTC3838EUHF-1 LINER-LTC3838EUHF-1 Datasheet
2Mb / 12P
   High Current, Dual Output Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com