Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE338F Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE338F
Description  Silicon NPN Transistor RF Power Amp, Driver
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE338F Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TC = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
ON Characteristics
DC Current Gain
hFE
IC = 1A, VCE = 5V
10
35
Dynamic Characteristics
Output Capacitance
Cob
VCB = 12.5V, IE = 0, f = 1MHz
15
200
pF
Functional Tests (VCC = 12.5V unless otherwise specified)
Common–Emitter Amplifier
Power Gain
GPE
Pout = 20W (PEP), ICmax = 1.75A,
ICQ = 25mA, f = 30, 30.001MHz
12
15
dB
Power Output
Pout
VCE = 12.5V, f = 30MHz
20
W
Collector Efficiency
η
Pout = 20W (PEP), ICmax = 1.75A,
ICQ = 25mA, f = 30, 30.001MHz
45
%
Intermodulation Distortion
IMD
VCE = 12.5V, Pout = 20W (PEP),
ICmax = 1.75A, ICQ = 25mA,
f = 30, 30.001MHz
–35
–30
dB
Load Mismatch
Pout = 20W (PEP), ICmax = 1.75A,
ICQ = 25mA, f = 30, 30.001MHz
> 30:1 All Phase Angles
.725 (18.42)
.975 (24.77)
.122 (3.1) Dia
(2 Holes)
.860 (21.84)
.005 (0.15)
.378 (9.56) Dia
.185 (4.7)
.085 (2.14)
.225 (5.72)
.250
(6.35)
.255
(6.5)
E
E
B
C


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn