Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRDC3823-P1V2 Datasheet(PDF) 8 Page - International Rectifier

Part # IRDC3823-P1V2
Description  The IR3823 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 3.5mm X 3.5 mm Power QFN package.
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDC3823-P1V2 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRDC3823-P1V2 Datasheet HTML 4Page - International Rectifier IRDC3823-P1V2 Datasheet HTML 5Page - International Rectifier IRDC3823-P1V2 Datasheet HTML 6Page - International Rectifier IRDC3823-P1V2 Datasheet HTML 7Page - International Rectifier IRDC3823-P1V2 Datasheet HTML 8Page - International Rectifier IRDC3823-P1V2 Datasheet HTML 9Page - International Rectifier IRDC3823-P1V2 Datasheet HTML 10Page - International Rectifier IRDC3823-P1V2 Datasheet HTML 11Page - International Rectifier IRDC3823-P1V2 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
IRDC3823-P1V2
5/7/2013
8
TYPICAL OPERATING WAVEFORMS
Vin=12.0V, Vo=1.2V, Io=0-4A, Room Temperature, no airflow
Fig. 10: Output Voltage Ripple, 3A load
Ch2: Vout ,
Fig. 11: Inductor node at 3A load
Ch3:LX
Fig. 8: Start up at 3A Load with SS_Select pin floating
Ch1:Vin, Ch2:Vcc, Ch3:Vo ,Ch4:Enable
Fig. 7: Start up at 3A Load with SS_Select pin floating
Ch1:Vin, Ch2:PGood, Ch3:Vo ,Ch4:Enable
Fig. 9: Start up with 1V Pre Bias , 0A Load,
Ch2:PGood, Ch3:Vo
Fig. 12: Short circuit (Hiccup) Recovery,
with SS_Select pin floating, Ch3:Vout , Ch4:Iout


Similar Part No. - IRDC3823-P1V2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDC3820 IRF-IRDC3820 Datasheet
934Kb / 16P
   The IR3820 is a synchronous buck converter, providing a compact, highperformance and flexible solution in a small 5mmx6mm Power QFN package.
IRDC3820A IRF-IRDC3820A Datasheet
945Kb / 16P
   The IR3820A is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm Power QFN package.
IRDC3821 IRF-IRDC3821 Datasheet
953Kb / 16P
   The IR3821 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm Power QFN package.
IRDC3821A IRF-IRDC3821A Datasheet
959Kb / 16P
   The IR3821A is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm Power QFN package.
IRDC3822 IRF-IRDC3822 Datasheet
919Kb / 16P
   The IR3822 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm Power QFN package.
More results

Similar Description - IRDC3823-P1V2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDC3847-P1V2 IRF-IRDC3847-P1V2 Datasheet
3Mb / 13P
   The IR3847 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm QFN package.
IRDC3811 IRF-IRDC3811 Datasheet
987Kb / 16P
   The IR3811 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm Power QFN package.
IRDC3822A IRF-IRDC3822A Datasheet
2Mb / 17P
   The IR3822A is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm Power QFN package.
IRDC3853 IRF-IRDC3853 Datasheet
1Mb / 17P
   The IR3853 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 4mmx5mm Power QFN package.
IRDC3822 IRF-IRDC3822 Datasheet
919Kb / 16P
   The IR3822 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm Power QFN package.
IRDC3821A IRF-IRDC3821A Datasheet
959Kb / 16P
   The IR3821A is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm Power QFN package.
IRDC3846-P1V2 IRF-IRDC3846-P1V2 Datasheet
5Mb / 14P
   The IR3846 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx7mm QFN package.
IRDC3810 IRF-IRDC3810 Datasheet
1Mb / 17P
   The IR3810 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm Power QFN package.
IRDC3820A IRF-IRDC3820A Datasheet
945Kb / 16P
   The IR3820A is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm Power QFN package.
IRDC3812 IRF-IRDC3812 Datasheet
2Mb / 16P
   The IR3812 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm Power QFN package.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com