Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRDC3822A Datasheet(PDF) 14 Page - International Rectifier

Part # IRDC3822A
Description  The IR3822A is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm Power QFN package.
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDC3822A Datasheet(HTML) 14 Page - International Rectifier

Back Button IRDC3822A Datasheet HTML 9Page - International Rectifier IRDC3822A Datasheet HTML 10Page - International Rectifier IRDC3822A Datasheet HTML 11Page - International Rectifier IRDC3822A Datasheet HTML 12Page - International Rectifier IRDC3822A Datasheet HTML 13Page - International Rectifier IRDC3822A Datasheet HTML 14Page - International Rectifier IRDC3822A Datasheet HTML 15Page - International Rectifier IRDC3822A Datasheet HTML 16Page - International Rectifier IRDC3822A Datasheet HTML 17Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
IRDC3822A
Rev 0.0
02/22/2008
PCB Metal and Components Placement
The lead lands (the 11 IC pins) width should be equal to the nominal part lead width. The minimum
lead to lead spacing should be ≥ 0.2mm to minimize shorting.
Lead land length should be equal to the maximum part lead length + 0.3 mm outboard extension. The
outboard extension ensures a large and inspectable toe fillet.
The pad lands (the 4 big pads other than the 11 IC pins) length and width should be equal to
maximum part pad length and width. However, the minimum metal to metal spacing should be no less
than 0.17mm for 2 oz. Copper; no less than 0.1mm for 1 oz. Copper and no less than 0.23mm for 3 oz.
Copper.


Similar Part No. - IRDC3822A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDC3822 IRF-IRDC3822 Datasheet
919Kb / 16P
   The IR3822 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm Power QFN package.
More results

Similar Description - IRDC3822A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDC3847-P1V2 IRF-IRDC3847-P1V2 Datasheet
3Mb / 13P
   The IR3847 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm QFN package.
IRDC3822 IRF-IRDC3822 Datasheet
919Kb / 16P
   The IR3822 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm Power QFN package.
IRDC3821A IRF-IRDC3821A Datasheet
959Kb / 16P
   The IR3821A is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm Power QFN package.
IRDC3810 IRF-IRDC3810 Datasheet
1Mb / 17P
   The IR3810 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm Power QFN package.
IRDC3820A IRF-IRDC3820A Datasheet
945Kb / 16P
   The IR3820A is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm Power QFN package.
IRDC3811 IRF-IRDC3811 Datasheet
987Kb / 16P
   The IR3811 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm Power QFN package.
IRDC3812 IRF-IRDC3812 Datasheet
2Mb / 16P
   The IR3812 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm Power QFN package.
IRDC3821 IRF-IRDC3821 Datasheet
953Kb / 16P
   The IR3821 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm Power QFN package.
IRDC3820 IRF-IRDC3820 Datasheet
934Kb / 16P
   The IR3820 is a synchronous buck converter, providing a compact, highperformance and flexible solution in a small 5mmx6mm Power QFN package.
IRDC3853 IRF-IRDC3853 Datasheet
1Mb / 17P
   The IR3853 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 4mmx5mm Power QFN package.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com