Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRW10-110D12 Datasheet(PDF) 7 Page - Wall Industries,Inc.

Part # MRW10-110D12
Description  10 Watts DC/DC Converter Single and Dual Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MRW10-110D12 Datasheet(HTML) 7 Page - Wall Industries,Inc.

Back Button MRW10-110D12 Datasheet HTML 2Page - Wall Industries,Inc. MRW10-110D12 Datasheet HTML 3Page - Wall Industries,Inc. MRW10-110D12 Datasheet HTML 4Page - Wall Industries,Inc. MRW10-110D12 Datasheet HTML 5Page - Wall Industries,Inc. MRW10-110D12 Datasheet HTML 6Page - Wall Industries,Inc. MRW10-110D12 Datasheet HTML 7Page - Wall Industries,Inc. MRW10-110D12 Datasheet HTML 8Page - Wall Industries,Inc. MRW10-110D12 Datasheet HTML 9Page - Wall Industries,Inc. MRW10-110D12 Datasheet HTML 10Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Rev B
MRW10 SERIES
10 Watts
DC/DC Converter
Single and Dual Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 7 of 10
“A” Pinning
PIN CONNECTIONS
PIN
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
Remote On/Off
Remote On/Off
4
+Vout
+Vout
5
-Vout
Common
6
Trim
-Vout
All dimensions in mm (inches)
Tolerance: X.X±0.75 (X.XX±0.03)
X.XX±0.25 (X.XXX±0.01)
Pin Diameter Ø1.0 ±0.05 (0.04±0.002)
HEATSINK OPTIONS
Standard
“A” Pinning
Heatsink Material: Aluminum
Finish: Black Anodized Coating
Weight: 9g
Advantages of Heatsink: Improve heat dissipation and increase stability and reliability of converter at high operating temperature.


Similar Part No. - MRW10-110D12

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MRW TDK-MRW Datasheet
355Kb / 10P
   Power Supplies AC Input Multi Output, General-Purpose
MRW-130 TDK-MRW-130 Datasheet
355Kb / 10P
   Power Supplies AC Input Multi Output, General-Purpose
MRW-135 TDK-MRW-135 Datasheet
355Kb / 10P
   Power Supplies AC Input Multi Output, General-Purpose
MRW-140 TDK-MRW-140 Datasheet
355Kb / 10P
   Power Supplies AC Input Multi Output, General-Purpose
MRW-150 TDK-MRW-150 Datasheet
355Kb / 10P
   Power Supplies AC Input Multi Output, General-Purpose
More results

Similar Description - MRW10-110D12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMJW10 WALL-DCMJW10 Datasheet
395Kb / 6P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMW10 WALL-DCMW10 Datasheet
280Kb / 4P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMK10-HI WALL-DCMK10-HI Datasheet
324Kb / 5P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
   5 Watts DC/DC Converter Single and Dual Outputs
DCIDW08 WALL-DCIDW08 Datasheet
358Kb / 5P
   8 Watts DC/DC Converter Single and Dual Outputs
RBA6 WALL-RBA6 Datasheet
703Kb / 7P
   6 Watts Single and Dual Outputs DC/DC Converter
MSHU100 WALL-MSHU100 Datasheet
381Kb / 7P
   2 Watts Medical DC/DC Converter Single and Dual Outputs
DCMRH20 WALL-DCMRH20 Datasheet
413Kb / 6P
   20 Watts Medical DC/DC Converter Single and Dual Outputs
YFW WALL-YFW Datasheet
477Kb / 7P
   20 Watts DC/DC Converter Single, Dual, and Triple Outputs
DCPDL09 WALL-DCPDL09 Datasheet
555Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com