Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU05S05 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # SU05S05
Description  1 Watt DC/DC Converter Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

SU05S05 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  SU05S05 Datasheet HTML 1Page - Wall Industries,Inc. SU05S05 Datasheet HTML 2Page - Wall Industries,Inc. SU05S05 Datasheet HTML 3Page - Wall Industries,Inc. SU05S05 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev C
SU SERIES
1 Watt
DC/DC Converter
Single Output
1/11/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 4
Size: 0.45in x 0.24in x 0.40in
(11.5mm x 6.0mm x 10.2mm)
FEATURES
Output Current up to 303mA
Internal Input & Output Filter
UL94-V0 Non-Conductive Case
1 Watt Unregulated Output Power
4 Pin Single-In-Line Package (SIP)
Input/Output Isolation up to 1000VDC
High Efficiency for Low Power Application
ISO9001 Certified Manufacturing Facilities
Compliant to RoHS II & REACH
Design meets UL60950-1, EN60950-1, &
IEC60950-1
CE Marked
Multiple Input Voltage Ranges
APPLICATIONS
DESCRIPTION
Wireless Network
Telecom/Datacom
Industry Control System
Measurement
Semiconductor Equipment
Wall’s SU series offers 1 watt of output power in a four pin SIP (single
inline) package. This series consists of single output models ranging
from 3.3VDC to 15VDC and multiple input voltages ranging from
3.3VDC to 24VDC. Models are RoHS compliant and CE Marked, and
have UL60950-1, EN60950-1, & IEC60950-1 safety approvals. These
units are ideal for low power applications and are highly efficient. The
UL94V-0 plastic case is non-conductive and includes both internal
input and output filters.
MODEL SELECTION TABLE
Model Number
Input Voltage Range
Output
Voltage
Output Current
Ripple &
Noise(1)
No Load
Input Current(2)
Output
Power
Maximum
Capacitive Load(3)
Efficiency
Min Load
Max Load
SU33S33
3.3VDC
(3.0-3.6VDC)
3.3VDC
30.3mA
303mA
100mVp-p
42mA
1W
150µF
68%
SU33S05
5VDC
20mA
200mA
38mA
100µF
70%
SU33S09
9VDC
11.1mA
111mA
45mA
22µF
71%
SU33S12
12VDC
8.4mA
84mA
45mA
47µF
72%
SU33S15
15VDC
6.6mA
66mA
45mA
33µF
75%
SU05S33
5VDC
(4.5-5.5VDC)
3.3VDC
30.3mA
303mA
100mVp-p
25mA
1W
150µF
68%
SU05S05
5VDC
20mA
200mA
25mA
100µF
70%
SU05S09
9VDC
11.1mA
111mA
25mA
22µF
74%
SU05S12
12VDC
8.4mA
84mA
25mA
47µF
78%
SU05S15
15VDC
6.6mA
66mA
24mA
33µF
80%
SU09S09
9VDC
(8.1~9.9VDC)
9VDC
11.1mA
111mA
100mVp-p
20mA
1W
22µF
74%
SU12S33
12VDC
(10.8-13.2VDC)
3.3VDC
30.3mA
303mA
100mVp-p
14mA
1W
150µF
68%
SU12S05
5VDC
20mA
200mA
10mA
100µF
70%
SU12S09
9VDC
11.1mA
111mA
13mA
22µF
74%
SU12S12
12VDC
8.4mA
84mA
14mA
47µF
78%
SU12S15
15VDC
6.6mA
66mA
13mA
33µF
80%
SU15S33
15VDC
(13.5-16.5VDC)
3.3VDC
30.3mA
303mA
100mVp-p
9mA
1W
150µF
68%
SU15S05
5VDC
20mA
200mA
9mA
100µF
70%
SU15S09
9VDC
11.1mA
111mA
9mA
22µF
74%
SU15S12
12VDC
8.4mA
84mA
8mA
47µF
78%
SU15S15
15VDC
6.6mA
66mA
9mA
33µF
80%
SU24S33
24VDC
(21.6-26.4VDC)
3.3VDC
30.3mA
303mA
100mVp-p
6mA
1W
150µF
70%
SU24S05
5VDC
20mA
200mA
6mA
100µF
70%
SU24S09
9VDC
11.1mA
111mA
6mA
22µF
74%
SU24S12
12VDC
8.4mA
84mA
5mA
47µF
78%
SU24S15
15VDC
6.6mA
66mA
6mA
33µF
80%


Similar Part No. - SU05S05

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SU05026 LEIDITECH-SU05026 Datasheet
673Kb / 5P
   This product is suitable for various kinds of electronic machines to work for over current protection.
More results

Similar Description - SU05S05

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
RBAT1 WALL-RBAT1 Datasheet
523Kb / 5P
   1 Watt DC/DC Converter Single Output
AM503-303N WALL-AM503-303N Datasheet
419Kb / 4P
   1 Watt Surface Mount DC/DC Converter Single Output
DCMSPU01H WALL-DCMSPU01H Datasheet
334Kb / 4P
   1 Watt DC/DC Converter Single and Output Models
logo
CET Technology, LLC
CT-13D1-1W CETTECHNOLOGY-CT-13D1-1W Datasheet
485Kb / 2P
   3000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
CT-10D-1W CETTECHNOLOGY-CT-10D-1W Datasheet
902Kb / 2P
   1000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
CT-13D-1W CETTECHNOLOGY-CT-13D-1W Datasheet
954Kb / 2P
   1000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
logo
Wall Industries,Inc.
PF5533-300 WALL-PF5533-300 Datasheet
678Kb / 7P
   1 Watt DC/DC Converter Single and Dual Output
LANEH WALL-LANEH Datasheet
293Kb / 4P
   Single and Dual Output 1 Watt DC/DC Converter
DCMA01-HI WALL-DCMA01-HI Datasheet
310Kb / 5P
   1 Watt DC/DC Converter Single and Dual Output
DCB1 WALL-DCB1 Datasheet
658Kb / 7P
   1 Watt DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com