Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRW10-24S24 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part No. MRW10-24S24
Description  10 Watts DC/DC Converter Single and Dual Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MRW10-24S24 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  MRW10-24S24 Datasheet HTML 1Page - Wall Industries,Inc. MRW10-24S24 Datasheet HTML 2Page - Wall Industries,Inc. MRW10-24S24 Datasheet HTML 3Page - Wall Industries,Inc. MRW10-24S24 Datasheet HTML 4Page - Wall Industries,Inc. MRW10-24S24 Datasheet HTML 5Page - Wall Industries,Inc. MRW10-24S24 Datasheet HTML 6Page - Wall Industries,Inc. MRW10-24S24 Datasheet HTML 7Page - Wall Industries,Inc. MRW10-24S24 Datasheet HTML 8Page - Wall Industries,Inc. MRW10-24S24 Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Rev B
MRW10 SERIES
10 Watts
DC/DC Converter
Single and Dual Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 10
SPECIFICATIONS
All specifications are based on 25°C, Resistive Load, Nominal Input Voltage, and Rated Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
Natural Convection,
Nominal Vin, Load
100% Inom.
Min
Max.
Unit
Without
Heatsink
With
Heatsink
MRW10-48D12
-40
90
93
ºC
MRW10-24S24, 48D15
-40
88
92
MRW10-24S15, 48S12, 48S15, 24D15
-40
87
90
MRW10-24S12, 48S24, 24D12, 110D12, 110D15
-40
85
89
MRW10-48S05, 110S12, 110S15, 110S24
-40
84
88
MRW10-24S05
-40
82
86
MRW10-110S05
-40
78
83
Storage Temperature
-50
+125
ºC
Thermal Impedance
Natural Convection without Heatsink
12.1
ºC/W
Natural Convection with Heatsink
9.8
100LFM Convection without Heatsink
9.2
100LFM Convection with Heatsink
5.4
200LFM Convection without Heatsink
7.8
200LFM Convection with Heatsink
4.5
400LFM Convection without Heatsink
5.2
400LFM Convection with Heatsink
3.0
Humidity
Non-Condensing
95
%RH
Case Temperature
+105
ºC
Lead Temperature
1.5mm from case for 10Sec.
260
ºC
Cooling Test
Compliance to IEC/EN60068-2-1
Dry Heat
Compliance to IEC/EN60068-2-2
Damp Heat
Compliance to IEC/EN60068-2-30
Shock and Vibration Test
Compliance to IEC/EN 61373
MTBF (Calculated)
MIL-HDBK-217F@25ºC Full Load, Ground Benign
2,845,385
Hours
SAFETY CHARACTERISTICS
Safety Approvals
UL/cUL 60950-1 Recognition (UL Certificate)
IEC/EN 60950-1 (CB Report)
EN 50155
IEC 60571
UL/cUL 62368-1 recognition (UL Certificate)
IEC/EN 62368-1 (CB-Report)
General
EN 50121-3-2 Railway Applications
EMI
Conduction
EN55032, EN55022, FCC Part 15
Class A
EMS
EN55024
ESD
EN61000-4-2 Air ±8kV, Contact ±6kV
A
Radiated Immunity
EN61000-4-3 10V/m
A
Fast Transient(6)
EN61000-4-4 ±2kV
A
Surge(6)
EN61000-4-5 ±2kV
A
Conducted Immunity
EN61000-4-6 10Vrms
A
PFMF
EN61000-4-8 3A/M
A
NOTES
1. Two pinning types are available. Add “A” to model number to indicate A pinning (See mechanical drawings for more detail)
Heat sink is also available. Add “HS” to model number to indicate Heatsink.
2. Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
3. It is recommended to protect the converter by a slow blow fuse in the input supply line.
4. Other input and output voltages may be available, please contact factory.
5. Natural convection is about 20LFM but is not equal to still air (0 LFM).
6. To meet EN61000-4-4 & EN61000-4-5 an external capacitor across the pins is required.
Suggested capacitors:
24V In: CHEMI-CON KY Series 390µF/63V
48V In: CHEMI-CON KY Series 330µF/100V
110V In: CHEMI-CON KXG Series 220µF/250V.
*Due to advances in technology, specifications subject to change without notice.


Similar Part No. - MRW10-24S24

ManufacturerPart No.DatasheetDescription
TDK Electronics
TDK Electronics
MRW TDK-MRW Datasheet
355Kb / 10P
   Power Supplies AC Input Multi Output, General-Purpose
MRW-130 TDK-MRW-130 Datasheet
355Kb / 10P
   Power Supplies AC Input Multi Output, General-Purpose
MRW-135 TDK-MRW-135 Datasheet
355Kb / 10P
   Power Supplies AC Input Multi Output, General-Purpose
MRW-140 TDK-MRW-140 Datasheet
355Kb / 10P
   Power Supplies AC Input Multi Output, General-Purpose
MRW-150 TDK-MRW-150 Datasheet
355Kb / 10P
   Power Supplies AC Input Multi Output, General-Purpose
More results

Similar Description - MRW10-24S24

ManufacturerPart No.DatasheetDescription
Wall Industries,Inc.
Wall Industries,Inc.
DCMK10-HI WALL-DCMK10-HI Datasheet
324Kb / 5P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMJW10 WALL-DCMJW10 Datasheet
395Kb / 6P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMW10 WALL-DCMW10 Datasheet
280Kb / 4P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
   5 Watts DC/DC Converter Single and Dual Outputs
RBA6 WALL-RBA6 Datasheet
703Kb / 7P
   6 Watts Single and Dual Outputs DC/DC Converter
DCIDW08 WALL-DCIDW08 Datasheet
358Kb / 5P
   8 Watts DC/DC Converter Single and Dual Outputs
MSHU100 WALL-MSHU100 Datasheet
381Kb / 7P
   2 Watts Medical DC/DC Converter Single and Dual Outputs
DCMRH20 WALL-DCMRH20 Datasheet
413Kb / 6P
   20 Watts Medical DC/DC Converter Single and Dual Outputs
YFW WALL-YFW Datasheet
477Kb / 7P
   20 Watts DC/DC Converter Single, Dual, and Triple Outputs
DCPDL09 WALL-DCPDL09 Datasheet
555Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz