Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRW10-24S15 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # MRW10-24S15
Description  10 Watts DC/DC Converter Single and Dual Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MRW10-24S15 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  MRW10-24S15 Datasheet HTML 1Page - Wall Industries,Inc. MRW10-24S15 Datasheet HTML 2Page - Wall Industries,Inc. MRW10-24S15 Datasheet HTML 3Page - Wall Industries,Inc. MRW10-24S15 Datasheet HTML 4Page - Wall Industries,Inc. MRW10-24S15 Datasheet HTML 5Page - Wall Industries,Inc. MRW10-24S15 Datasheet HTML 6Page - Wall Industries,Inc. MRW10-24S15 Datasheet HTML 7Page - Wall Industries,Inc. MRW10-24S15 Datasheet HTML 8Page - Wall Industries,Inc. MRW10-24S15 Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev B
MRW10 SERIES
10 Watts
DC/DC Converter
Single and Dual Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 10
Size: 1in x 2in x 0.43in (25.4mm x 50.8mm x 11mm)
FEATURES
Ultra Wide Input Range
I/O Isolation 3000VAC with
Reinforced Insulation
No Minimum Load Requirement
Remote On/Off, Output Voltage
Trim
RoHS & REACH Compliant
Over Load, Over Voltage, and Short Circuit
Protection
Railway Standard
UL/cUL/IEC/EN 62368-1 (60950-1) Safety
Approval & CE Marking
DESCRIPTION
The MRW10 series of DC/DC converters offers up to 10 watts of output power in a
compact, industrial standard package. This series consists of single and dual output
models with ultra-wide input voltage range. Each model in this series has high
efficiency, no minimum load requirement, as well as over load, over voltage, and short
circuit protection. This series has UL/cUL/IEC/EN 62368-1 (60950-1) safety approvals
and CE markings.
MODEL SELECTION TABLE
Single Output Models
Model Number(1)
Input Voltage
Range
Output
Voltage
Max. Output
Current
Input Current
Over Voltage
Protection
Maximum
Capacitive Load
Efficiency
Output
Power
No Load
Max. Load
MRW10-24S05
24VDC
(9~36VDC)
5VDC
2000mA
25mA
496mA
6.2VDC
2200µF
84%
10W
MRW10-24S12
12VDC
835mA
485mA
15VDC
330µF
86%
MRW10-24S15
15VDC
670mA
481mA
18VDC
220µF
87%
MRW10-24S24
24VDC
417mA
474mA
30VDC
100µF
88%
MRW10-48S05
48VDC
(18~75VDC)
5VDC
2000mA
15mA
245mA
6.2VDC
2200µF
85%
10W
MRW10-48S12
12VDC
835mA
240mA
15VDC
330µF
87%
MRW10-48S15
15VDC
670mA
241mA
18VDC
220µF
87%
MRW10-48S24
24VDC
417mA
242mA
30VDC
100µF
86%
MRW10-110S05
110VDC
(40~160VDC)
5VDC
2000mA
10mA
111mA
6.2VDC
2200µF
82%
10W
MRW10-110S12
12VDC
835mA
107mA
15VDC
330µF
85%
MRW10-110S15
15VDC
670mA
107mA
18VDC
220µF
85%
MRW10-110S24
24VDC
417mA
107mA
30VDC
100µF
85%
MODEL SELECTION TABLE
Single Output Models
Model Number(1)
Input Voltage
Range
Output
Voltage
Max. Output
Current
Input Current
Over Voltage
Protection
Maximum
Capacitive Load
Efficiency
Output
Power
No Load
Max. Load
MRW10-24D12
24VDC
(9~36VDC)
±12VDC
±417mA
25mA
485mA
±15VDC
150#µF
86%
10W
MRW10-24D15
±15VDC
±335mA
481mA
±18VDC
100#µF
87%
MRW10-48D12
48VDC
(18~75VDC)
±12VDC
±417mA
15mA
234mA
±15VDC
150#µF
89%
10W
MRW10-48D15
±15VDC
±335mA
238mA
±18VDC
100#µF
88%
MRW10-110D12
110VDC
(40~160VDC)
±12VDC
±417mA
10mA
106mA
±15VDC
150#µF
86%
10W
MRW10-110D15
±15VDC
±335mA
106mA
±18VDC
100#µF
86%


Similar Part No. - MRW10-24S15

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MRW TDK-MRW Datasheet
355Kb / 10P
   Power Supplies AC Input Multi Output, General-Purpose
MRW-130 TDK-MRW-130 Datasheet
355Kb / 10P
   Power Supplies AC Input Multi Output, General-Purpose
MRW-135 TDK-MRW-135 Datasheet
355Kb / 10P
   Power Supplies AC Input Multi Output, General-Purpose
MRW-140 TDK-MRW-140 Datasheet
355Kb / 10P
   Power Supplies AC Input Multi Output, General-Purpose
MRW-150 TDK-MRW-150 Datasheet
355Kb / 10P
   Power Supplies AC Input Multi Output, General-Purpose
More results

Similar Description - MRW10-24S15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMJW10 WALL-DCMJW10 Datasheet
395Kb / 6P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMW10 WALL-DCMW10 Datasheet
280Kb / 4P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMK10-HI WALL-DCMK10-HI Datasheet
324Kb / 5P
   10 Watts DC/DC Converter Single and Dual Outputs
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
   5 Watts DC/DC Converter Single and Dual Outputs
DCIDW08 WALL-DCIDW08 Datasheet
358Kb / 5P
   8 Watts DC/DC Converter Single and Dual Outputs
RBA6 WALL-RBA6 Datasheet
703Kb / 7P
   6 Watts Single and Dual Outputs DC/DC Converter
MSHU100 WALL-MSHU100 Datasheet
381Kb / 7P
   2 Watts Medical DC/DC Converter Single and Dual Outputs
DCMRH20 WALL-DCMRH20 Datasheet
413Kb / 6P
   20 Watts Medical DC/DC Converter Single and Dual Outputs
YFW WALL-YFW Datasheet
477Kb / 7P
   20 Watts DC/DC Converter Single, Dual, and Triple Outputs
DCPDL09 WALL-DCPDL09 Datasheet
555Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com