Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRDC3055 Datasheet(PDF) 2 Page - International Rectifier

Part # IRDC3055
Description  The IRU3055 is a 3-phase synchronous Buck controller which provides high performance DC to DC converter for high current and low voltage applications, such as power supply for Intel or AMD processors.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDC3055 Datasheet(HTML) 2 Page - International Rectifier

  IRDC3055 Datasheet HTML 1Page - International Rectifier IRDC3055 Datasheet HTML 2Page - International Rectifier IRDC3055 Datasheet HTML 3Page - International Rectifier IRDC3055 Datasheet HTML 4Page - International Rectifier IRDC3055 Datasheet HTML 5Page - International Rectifier IRDC3055 Datasheet HTML 6Page - International Rectifier IRDC3055 Datasheet HTML 7Page - International Rectifier IRDC3055 Datasheet HTML 8Page - International Rectifier IRDC3055 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRDC3055
2
Rev. 1.0
06/10/02
www.irf.com
SCHEMATIC
Figure 1 - Shematic of IRU3055 evaluation-board.


Similar Part No. - IRDC3055

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDC3038 IRF-IRDC3038 Datasheet
123Kb / 7P
   The IRU3038 controller IC is designed to provide a lowcost synchronous Buck regulator for voltage tracking applications such DDR memory and general purpose on-board DC to DC converter.
IRDC3039EVAL IRF-IRDC3039EVAL Datasheet
648Kb / 8P
   IRU3039 EVALUATION BOARD USER GUIDE
IRDC3046 IRF-IRDC3046 Datasheet
164Kb / 7P
   IRU3046 EVALUATION BOARD USER GUIDE
IRDC3048 IRF-IRDC3048 Datasheet
181Kb / 7P
   The IRU3048 IC combines a dual synchronous PWM controller and a linear regulator controller, providing a cost-effective, high performance and flexible solution for multi-output applications
IRDC3065 IRF-IRDC3065 Datasheet
540Kb / 6P
   The IRU3065 controller is designed to provide solutions for the applications requiring low power on board switching regulators. The IRU3065 is specifically
More results

Similar Description - IRDC3055

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDC3651 IRF-IRDC3651 Datasheet
570Kb / 13P
   The IR3651 is a high voltage PWM controller designed for high performance synchronous Buck DC/DC applications.
IRDC3137 IRF-IRDC3137 Datasheet
373Kb / 8P
   The IRU3137 controller IC is designed to provide a low cost and high performance synchronous Buck regulator for on-board DC to DC converter applications.
logo
Vishay Siliconix
SI9142 VISHAY-SI9142 Datasheet
261Kb / 11P
   Synchronous Buck Controller for High Performance Processors
Rev. C, 05-Apr-99
logo
Sipex Corporation
SP6120HV SIPEX-SP6120HV Datasheet
416Kb / 22P
   High Voltage, Synchronous ,Buck Controller Ideal for 2A to 20A, High Performance, DC-DC Power Converters
logo
International Rectifier
IRDC3038 IRF-IRDC3038 Datasheet
123Kb / 7P
   The IRU3038 controller IC is designed to provide a lowcost synchronous Buck regulator for voltage tracking applications such DDR memory and general purpose on-board DC to DC converter.
logo
Toshiba Semiconductor
TB7001FL TOSHIBA-TB7001FL Datasheet
67Kb / 6P
   For high current and low voltage applications Synchronous buck converter module
TB7004FL TOSHIBA-TB7004FL Datasheet
261Kb / 16P
   Synchronous Buck Converter Module for High-Current and Low-Voltage Applications
logo
Sipex Corporation
SP6120 SIPEX-SP6120 Datasheet
308Kb / 22P
   Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120 SIPEX-SP6120_05 Datasheet
216Kb / 22P
   Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120 SIPEX-SP6120 Datasheet
145Kb / 13P
   Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com