Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECS-240-8-36Q-AGL-TR Datasheet(PDF) 2 Page - ECS, Inc.

Part # ECS-240-8-36Q-AGL-TR
Description  The ECX-2236Q is a miniature SMD Crystal with a 2.5 x 2.0 mm footprint
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-240-8-36Q-AGL-TR Datasheet(HTML) 2 Page - ECS, Inc.

  ECS-240-8-36Q-AGL-TR Datasheet HTML 1Page - ECS, Inc. ECS-240-8-36Q-AGL-TR Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15351 West 109
th Street | Lenexa, KS 66219 | Phone: 913.782.7787 | Fax: 913.782.6991 | www.ecsxtal.com
DEVELOPED FREQUENCIES
Abbreviation
Frequency (MHZ)
120
12.000
160
16.000
200
20.000
240
24.000
245.7
24.5760
250
25.000
260
26.000
270
27.000
300
30.000
320
32.000
400
40.000
480
48.000
SOLDER PROFILE
Peak solder Temp +260°C Max 10 sec Max.
2 Cycles Max.
MSL 1, Lead Finish Au
POCKET TAPE DIMENSIONS (mm)
ECX-2236Q
SMD CRYSTAL
Figure 1) Suggested Reflow Profile


Similar Part No. - ECS-240-8-36Q-AGL-TR

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-240-8-36-TR ECS-ECS-240-8-36-TR Datasheet
511Kb / 3P
   SMD CRYSTAL
ECS-240-8-36-TR ECS-ECS-240-8-36-TR Datasheet
632Kb / 2P
   The miniature ECX-2236 is a compact SMD Crystal
ECS-240-8-36ADL-TR ECS-ECS-240-8-36ADL-TR Datasheet
632Kb / 2P
   The miniature ECX-2236 is a compact SMD Crystal
ECS-240-8-36ADM-TR ECS-ECS-240-8-36ADM-TR Datasheet
632Kb / 2P
   The miniature ECX-2236 is a compact SMD Crystal
ECS-240-8-36ADY-TR ECS-ECS-240-8-36ADY-TR Datasheet
632Kb / 2P
   The miniature ECX-2236 is a compact SMD Crystal
More results

Similar Description - ECS-240-8-36Q-AGL-TR

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-33Q ECS-ECX-33Q_18 Datasheet
578Kb / 2P
   The ECX-33Q is a miniature SMD Crystal with a 3.2 x 2.5 mm footprint
ECX-1637Q ECS-ECX-1637Q_17 Datasheet
584Kb / 2P
   The ECX-1637Q is a miniature SMD Crystal with a 2.0 x 1.6 mm footprint
ECX-53 ECS-ECX-53_17 Datasheet
546Kb / 2P
   The ECX-53 is a miniature SMD Crystal with a 3.2 x 5 mm footprint
ECX-53B ECS-ECX-53B_17 Datasheet
571Kb / 2P
   The ECX-53B is a miniature SMD Crystal with a 3.2 x 5 mm footprint
ECX-64A ECS-ECX-64A_17 Datasheet
575Kb / 2P
   The ECX-64A is a miniature SMD Crystal with a 6 x 3.5 mm 2 pad footprint
ECX-64 ECS-ECX-64_17 Datasheet
545Kb / 2P
   The ECX-64 is a miniature SMD Crystal with a 6 x 3.5 mm 4 pad footprint
ECX-53BQ ECS-ECX-53BQ_17 Datasheet
575Kb / 2P
   The ECX-53BQ is a miniature SMD Crystal with a 3.2 x 5 mm
ECX-1247Q ECS-ECX-1247Q_17 Datasheet
605Kb / 2P
   The ECX-1247Q is a very compact SMD Crystal with a 1.6 x 1.2 mm footprint
CSM-8M ECS-CSM-8M_17 Datasheet
549Kb / 2P
   The CSM-8M is a miniature SMD Crystal with a 7.0 x 5.0 mm footprint
ECX-42 ECS-ECX-42_17 Datasheet
540Kb / 2P
   The miniature ECX-42 is a compact SMD Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com