Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECS-240-8-37AEL-TR Datasheet(PDF) 2 Page - ECS, Inc.

Part # ECS-240-8-37AEL-TR
Description  The sub miniature ECX-1637 is a very compact SMD Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-240-8-37AEL-TR Datasheet(HTML) 2 Page - ECS, Inc.

  ECS-240-8-37AEL-TR Datasheet HTML 1Page - ECS, Inc. ECS-240-8-37AEL-TR Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15351 West 109
th Street | Lenexa, KS 66219 | Phone: 913.782.7787 | Fax: 913.782.6991 | www.ecsxtal.com
DEVELOPED FREQUENCIES
Abbreviation
Frequency (MHZ)
160
16.000
200
20.000
240
24.000
260
26.000
270
27.000
300
30.000
320
32.000
360
36.000
400
40.000
SOLDER PROFILE
Peak solder Temp +260°C Max 10 sec Max.
2 Cycles Max.
MSL 1, Lead Finish Au
POCKET TAPE DIMENSIONS (mm)
ECX-1637
SMD CRYSTAL
Figure 1) Suggested Reflow Profile


Similar Part No. - ECS-240-8-37AEL-TR

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-240-8-37-A-D-L-TR ECS-ECS-240-8-37-A-D-L-TR Datasheet
272Kb / 2P
   SMD CRYSTAL
ECS-240-8-37-A-D-M-TR ECS-ECS-240-8-37-A-D-M-TR Datasheet
272Kb / 2P
   SMD CRYSTAL
ECS-240-8-37-A-D-N-TR ECS-ECS-240-8-37-A-D-N-TR Datasheet
272Kb / 2P
   SMD CRYSTAL
ECS-240-8-37-A-D-P-TR ECS-ECS-240-8-37-A-D-P-TR Datasheet
272Kb / 2P
   SMD CRYSTAL
ECS-240-8-37-A-E-L-TR ECS-ECS-240-8-37-A-E-L-TR Datasheet
272Kb / 2P
   SMD CRYSTAL
More results

Similar Description - ECS-240-8-37AEL-TR

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-1247 ECS-ECX-1247_17 Datasheet
606Kb / 2P
   The sub miniature ECX-1247 is a very compact SMD Crystal
ECX-1247B ECS-ECX-1247B Datasheet
434Kb / 2P
   The sub miniature ECX-1247B is a very compact SMD Crystal
ECS-160-8-36CKM ECS-ECS-160-8-36CKM Datasheet
507Kb / 2P
   The miniature ECX-2236 is a very compact SMD Crystal
ECX-32 ECS-ECX-32_17 Datasheet
573Kb / 2P
   The sub miniature ECX-32 is a compact SMD Crystal
ECX-39 ECS-ECX-39_17 Datasheet
612Kb / 2P
   The miniature ECX-39 is a very compact SMD Tuning Fork Crystal
ECX-42 ECS-ECX-42_17 Datasheet
540Kb / 2P
   The miniature ECX-42 is a compact SMD Crystal
ECX-2236 ECS-ECX-2236_17 Datasheet
632Kb / 2P
   The miniature ECX-2236 is a compact SMD Crystal
ECX-31B ECS-ECX-31B_16 Datasheet
588Kb / 2P
   The ultra-miniature ECX-31B is a very compact SMD Tuning Fork Crystal
ECX-49 ECS-ECX-49 Datasheet
560Kb / 2P
   The ultra-miniature ECX-49 is a very compact SMD Tuning Fork Crystal
ECX-34G ECS-ECX-34G Datasheet
650Kb / 2P
   The sub miniature ECX-34G is a compact SMD tuning fork Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com