Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC13MS8 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part No. HMC13MS8
Description  GaAs MMIC SMT DOUBLE BALANCED MIXER, 1.5 - 4.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC13MS8 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
12
12 - 55
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
-20
-15
-10
-5
0
1
1.5
2
2.5
3
3.5
4
4.5
5
FREQUENCY (GHz)
-40C
+25C
+85C
-60
-50
-40
-30
-20
-10
0
1
1.5
2
2.5
3
3.5
4
4.5
5
FREQUENCY (GHz)
RF/IF
LO/RF
LO/IF
Conversion Gain vs.
Temperature @ LO = +13 dBm
Isolation @ LO = +13 dBm
-20
-15
-10
-5
0
1
1.5
2
2.5
3
3.5
4
4.5
5
FREQUENCY (GHz)
+9 dBm
+15 dBm
+11 dBm
Conversion Gain vs. LO Drive
v01.0801
-20
-15
-10
-5
0
0
0.5
1
1.5
2
IF FREQUENCY (GHz)
LO=1.8 GHz, RF=1.9 to 4.9 GHz
LO=4.4 GHz, RF=1.3 to 4.3 GHz
Return Loss @ LO = +13 dBm
IF Bandwidth @ LO = +13 dBm
P1dB vs. Temperature @ LO = +13 dBm
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
FREQUENCY (GHz)
RF
IF
LO
8
9
10
11
12
13
14
1.5
2
2.5
3
3.5
4
4.5
5
FREQUENCY (GHz)
-40 C
+25 C
+85 C
HMC213MS8
GaAs MMIC SMT DOUBLE-
BALANCED MIXER,1.5 - 4.5 GHz


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC213MS8GaAs MMIC SMT DOUBLE BALANCED MIXER 1.5 - 4.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC141LH5GaAs MMIC SMT DOUBLE BALANCED MIXER 7 - 14 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
AM028D1-0026-33 GHz GaAs MMIC Double Balanced Down Converter Mixer 1 2 Alpha Industries
HMC168C8GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 8 GHz 1 2 3 Hittite Microwave Corporation
HMC272MS8GaAs MMIC SMT SINGLE BALANCED MIXER 1.7 - 3 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC175MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 1.7 - 4.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC285GaAs MMIC SMT SINGLE BALANCED MIXER 1.7 - 3.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC-C015GaAs MMIC DOUBLE BALANCED MIXER MODULE 24 - 38 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC218MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 6 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC219MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 9 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn