Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE337 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE337
Description  Silicon NPN Transistor RF Power Amp, Driver
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE337 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Unit
Max
Typ
Min
Test Conditions
Symbol
Functional Tests (VCC = 12.5V unless otherwise specified)
Common–Emitter Amplifier
Power Gain
GPE
Pout = 8W, f = 50MHz
10
dB
Power Output
Pout
Pin = 800mW, f = 50MHz
8
W
Collector Efficiency
h
Pout = 8W, f = 50MHz
50
%
1.040 (26.4) Max
.520 (13.2)
.100 (2.54)
EE
C
B
.005 (0.15)
.168 (4.27)
.230
(5.84)
8–32–NC–3A
Wrench Flat
.385 (9.8)
Dia
.750
(19.05)


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn