Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HFA3842 Datasheet(PDF) 4 Page - Intersil Corporation

Part No. HFA3842
Description  Wireless LAN Medium Access Controller
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HFA3842 Datasheet(HTML) 4 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
PJ0
31
CMOS BiDir, 2mA, 50K Pull Down
MMI Clock (SCLK)
PJ1
32
CMOS BiDir, 2mA, 50K Pull Down
MMI Serial Data (SD)
PJ3
29
CMOS BiDir, 2mA
MMI Device Enable 0 (CS_BAR)
PJ4
65
CMOS BiDir, 2mA
MMI Device Enable 1 (PE1)
PJ5
8
CMOS BiDir, 2mA, 50K Pull Up
MBUS Request (LE_IF)
PJ6
7
CMOS BiDir, 2mA
MBUS Grant; LED
PJ7
9
CMOS BiDir, 2mA, 50K Pull Up
(RADIO_PE)
PK0
35
CMOSBiDir,2mA,ST, 50K Pull Down
MPSIClock (LE_RF)
PK1
34
CMOS BiDir, 2mA, 50K Pull Down
MPSI Data Out (SYNTHCLK)
PK2
33
CMOS BiDir, 2mA, 50K Pull Down
MPSI Data In (SYNTHDATA)
PK3
63
CMOS BiDir, 2mA
MPSI Device Select 0 (PA_PE)
PK4
64
CMOS BiDir, 2mA
MPSI Device Select 1 (PE2)
PK5
21
CMOSBiDir,2mA
PHYData Available (MDREADY)
PK6
22
CMOSBiDir,2mA
PHYMedium Busy (CCA)
PK7
23
CMOS BiDir, 2mA
PHY Energy Detect (CAL_EN)
PL0
15
CMOS BiDir, 2mA
Transmitter Enable (TX_PE)
PL1
27
CMOS BiDir, 2mA
Receiver Enable (or PHY Sleep Control) (RX_PE)
PL2
26
CMOS BiDir, 2mA
PHY Reset (RESET_BB)
PL3
28
CMOS BiDir, 2mA
Antenna Select (T/R_SW_BAR)
PL4
43
CMOS BiDir, 2mA
MBUS Address Bit 19 (MA19)
PL5
12
CMOS BiDir, 2mA
MBUS Address Bit 20
PL6
11
CMOS BiDir, 2mA
MBUS Address Bit 21
PL7
93
CMOS BiDir, 2mA, Pull Down
PHY Transmit Ready (T/R_SW)
SERIAL EEPROM PORT PINS
PJ0
31
CMOS BiDir
SCLK, Serial Clock
PJ1
30
CMOS BiDir, 50K Pull Down
SD, Serial Data Out
PJ2
32
CMOS BiDir, 50K Pull Down
MISO, Serial Data IN
TCLKIN (CS_)
10
CMOS BiDir
CS_, Chip Select
TABLE 3. CLOCKS
PIN NAME
PIN NUMBER
PIN I/O TYPE
DESCRIPTION
CLKIN
40
CMOS Input, ST Pull Down
External Clock Input (at >= 2X Desired MCLK
Frequency, Typically 44-48MHz)
LFXTALI
39
Analog Input
32.768kHz Crystal Input (Note 2)
LFXTALO
41
CMOS Output, 2mA
32.768kHz Crystal Output
CLKOUT
38
CMOS, TS Output, 2mA
Clock Output (Selectable as MCLK, TCLK, or
TOUT0)
TCLKIN
10
CMOS BiDir, 2mA, 50K Pull Down
Alternate clock input for timers
TABLE 4. POWER
PIN NAME
PIN NUMBER
PIN I/O TYPE
DESCRIPTION
VCC
14, 25, 53, 66, 83, 98, 124
3.3V Supply
VCC_IO5
105
5V Tolerance Supply
VSS
13, 24, 37, 42, 52, 67, 82, 97, 115
GND
ST = Schmitt Trigger (Hysteresis), TS = Three-State. Signals ending with “-” are active low.
NOTE:
3. Pin 39 (VCC_CORE3 in 3841), has been reassigned as LFXTALI. For 3841 compatibility, it may be tied to VCC.
Pin 62 (TRST- in 3841) has been reassigned as MLBE. For 3841 compatibility, it may be tied low through 1K.
Pin 105 (VCC_IO5 in 3841) has been reassigned.For 3841 compatibility, it may be tied to VCC.
Output pins typically drive to positive voltage rail less 0.1V. Hence with a supply of 2.7V the output will just meet 5V TTL signal levels at
rated loads.
TABLE 2. GENERAL PURPOSE AND EEPROM PORT PINS (Continued)
PIN NAME
PIN NUMBER
PIN I/O TYPE
DESCRIPTION OF FUNCTION
(IF OTHER THAN IO PORT)
HFA3842


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn