Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC37B72X Datasheet(PDF) 13 Page - SMSC Corporation

Part # FDC37B72X
Description  128 Pin Enhanced Super I/O Controller with ACPI Support
Download  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37B72X Datasheet(HTML) 13 Page - SMSC Corporation

Back Button FDC37B72X Datasheet HTML 9Page - SMSC Corporation FDC37B72X Datasheet HTML 10Page - SMSC Corporation FDC37B72X Datasheet HTML 11Page - SMSC Corporation FDC37B72X Datasheet HTML 12Page - SMSC Corporation FDC37B72X Datasheet HTML 13Page - SMSC Corporation FDC37B72X Datasheet HTML 14Page - SMSC Corporation FDC37B72X Datasheet HTML 15Page - SMSC Corporation FDC37B72X Datasheet HTML 16Page - SMSC Corporation FDC37B72X Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 244 page
background image
13
FIGURE 2 - FDC37B72x BLOCK DIAGRAM
nDSR1, nDCD1, nRI1, nDTR1
TXD1
nINIT, nALF
HOST
CPU
MULTI-MODE
PARALLEL
PORT/FDC
MUX
16C550
COMPATIBLE
SERIAL
PORT 1
16C550
COMPATIBLE
SERIAL
PORT 2 WITH
INFRARED
CONFIGURATION
REGISTERS
POWER
MANAGEMENT
INTERFACE
CONTROL BUS
ADDRESS BUS
DATA BUS
nIOR
nIOW
AEN
SA[0:15]
SD[O:7]
DRQ[0:3]
nDACK[0:3]
IRQ[1,3-12,14]
RESET_DRV
nINDEX
nTRK0
nDSKCHG
nWRPRT
nWGATE
DENSEL
nDIR
nSTEP
nHDSEL
nDS0,1
nMTR0,1
RDATA
RCLOCK
WDATA
WCLOCK
nWDATA
nRDATA
TXD2(IRTX)
RXD2(IRRX)
nDSR2, nDCD2, nRI2, nDTR2
RXD1
PD0-7
BUSY, SLCT, PE,
nERROR , nACK
nSTB, nSLCTIN ,
TC
SMSC
PROPRIETARY
82077
COMPATIBLE
VERTICAL
FLOPPYDISK
CONTROLLER
CORE
DIGITAL
DATA
SEPARATOR
WITH WRITE
PRECOM-
PENSATION
IOCHRDY
BIOS
BUFFER
nROMOE *
nROMCS *
RD[0:7]*
GENERAL
PURPOSE
I/O
GP1[0:7]*
IRRX
8042
KCLK
KDATA
MCLK
MDATA
P20, P21
XTAL1
VBAT
DRVDEN0
DRVDEN1
*Multi-Function I/O Pin - Optional
P17/P12*
GP5[0,2:4]*
GP6[0:7]*
SOFT
POWER
MANAGEMENT
PME/
ACPI
nPowerOn
Button_In
nSMI*
VCC
nPME/SCI
SERIAL
IRQ
SER_IRQ
PCI_CLK
VSS
CLOCK
GEN
CLOCKI
(14.318)
CLK32OUT
nSMI
VTR
nCTS2, nRTS2
IRTX
nCTS1, nRTS1
XTAL2


Similar Part No. - FDC37B72X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37B72X SMSC-FDC37B72X Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X_07 Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
More results

Similar Description - FDC37B72X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X_07 Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
37M602 SMSC-37M602 Datasheet
650Kb / 182P
   ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37B78X SMSC-FDC37B78X Datasheet
1Mb / 258P
   Enhanced Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
FDC37B78X SMSC-FDC37B78X_07 Datasheet
880Kb / 249P
   Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
LPC47B27X SMSC-LPC47B27X Datasheet
1Mb / 196P
   100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47B272 SMSC-LPC47B272 Datasheet
1Mb / 195P
   100 Pin Enhanced Super I/O Controller with LPC Interface
LPC47B34X SMSC-LPC47B34X Datasheet
645Kb / 250P
   128 Pin Enhanced Super I/O with LPC Interface for Consumer Applications
FDC37N3869 SMSC-FDC37N3869 Datasheet
725Kb / 136P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com