Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECS-240-8-48-JEN-TR Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-240-8-48-JEN-TR
Description  The ultra-minature ECX-1048 is a our smallest compact Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-240-8-48-JEN-TR Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-240-8-48-JEN-TR Datasheet HTML 1Page - ECS, Inc. ECS-240-8-48-JEN-TR Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15351 West 109
th Street | Lenexa, KS 66219 | Phone: 913.782.7787 | Fax: 913.782.6991 | www.ecsxtal.com
PARAMETERS
CONDITIONS
ECX-1048
UNITS
MIN
TYP
MAX
Frequency
24.000
54.000
MHz
Frequency Tolerance
@ +25°C
± 10
ppm
Frequency Stability
-30 ~ +85°C (Y)
± 10
ppm
Equivalent Series
Resistance (ESR)
24 ~ 31.999 MHz
150
Ω
32 ~ 54.000 MHz
100
Ω
Shunt Capacitance
Co
2
pF
Load Capacitance
Specify in P/N
10
pF
Drive Level
DL
10
50
μW
Operating Temperature
Topr
-40
+85
°C
Storage Temperature
Tstg
-40
+90
°C
Aging (First Year)
@ +25°C ±3°C
±2
ppm
ECS - FREQUENCY ABBREVIATION
LOAD
CAPACITANCE
PACKAGE
CUSTOM OPTIOND
Tolerance
Stability
Temp Range
PACKAGING
PAD CONNECTIONS
1
In/Out
2
NC
3
Out/In
4
Gnd
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
The ultra-minature ECX-1048 is a our smallest compact Crystal.
The 1.2 x 1.0 x 0.33 mm ceramic package is ideal for today’s
SMD manufacturing environment.
ECX-1048
SMD CRYSTAL
ECX-1048 SMD CRYSTAL
 Low Profile
 1.2 x 1.0 mm Footprint
 Extended Temp. Range
 RoHS Compliant
 IOT/Wearable Applications
DIMENSIONS (mm)
PART NUMBERING GUIDE: Example ECS-240-10-48-CKY-TR
Figure 2) Suggested Land Pattern
Figure 1) Top, Side, and Bottom views
240 = 24.000 MHz
See P/N Guide
8 = 8 pF
10 = 10 pF
-48 =
ECX-1048
A = ± 25 ppm
J = ± 20 ppm
R = ± 15 ppm
C = ± 10 ppm
TR =
Tape
& Reel
1K/Reel
Rev.2017
ECS
*Contact ECS for availability
E = ± 50 ppm
G = ± 30 ppm
H = ± 25 ppm
T = ± 20 ppm
W = ± 15 ppm
K = ± 10 ppm
M = -20 ~ +70°C
Y = -30 ~ +85°C
N = -40 ~ +85°C
Request a Sample


Similar Part No. - ECS-240-8-48-JEN-TR

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-240-8-33-RTN-TR ECS-ECS-240-8-33-RTN-TR Datasheet
393Kb / 2P
   SMD CRYSTAL
Rev.2021
ECS-240-8-36-TR ECS-ECS-240-8-36-TR Datasheet
511Kb / 3P
   SMD CRYSTAL
ECS-240-8-36-TR ECS-ECS-240-8-36-TR Datasheet
632Kb / 2P
   The miniature ECX-2236 is a compact SMD Crystal
ECS-240-8-36ADL-TR ECS-ECS-240-8-36ADL-TR Datasheet
632Kb / 2P
   The miniature ECX-2236 is a compact SMD Crystal
ECS-240-8-36ADM-TR ECS-ECS-240-8-36ADM-TR Datasheet
632Kb / 2P
   The miniature ECX-2236 is a compact SMD Crystal
More results

Similar Description - ECS-240-8-48-JEN-TR

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-1048B ECS-ECX-1048B Datasheet
644Kb / 2P
   The ultra-minature ECX-1048B is a our smallest compact Crystal
ECX-12L ECS-ECX-12L_17 Datasheet
592Kb / 2P
   The ultra-minature ECX-12L is a very compact SMD Tuning Fork Crystal
ECX-12 ECS-ECX-12_17 Datasheet
589Kb / 2P
   The ultra-minature ECX-12 is a very compact SMD Tuning Fork Crystal
ECX-1210 ECS-ECX-1210 Datasheet
642Kb / 2P
   The ultra-minature ECX-1210 is a very compact SMD Tuning Fork Crystal
ECX-12R ECS-ECX-12R Datasheet
621Kb / 2P
   The ultra-minature ECX-12R is a very compact SMD Tuning Fork Crystal
ECX-33QZ ECS-ECX-33QZ Datasheet
568Kb / 2P
   The ultra-minature rugged ECX-33QZ compact SMD Crystal
ECX-53BQZ ECS-ECX-53BQZ Datasheet
601Kb / 2P
   The ultra-minature rugged ECX-53BQZ compact SMD Crystal
ECX-16 ECS-ECX-16_17 Datasheet
633Kb / 2P
   The minature ECX-16 is a very compact SMD Tuning Fork Crystal
ECX-71 ECS-ECX-71_17 Datasheet
555Kb / 2P
   The minature ECX-71 is a very compact SMD Tuning Fork Crystal
ECX-.327-CDX-1293 ECS-ECX-.327-CDX-1293 Datasheet
588Kb / 2P
   The ultra-minature ECX-.327-CDX-1293 is a very compact SMD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com