Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCFE201204A101TG Datasheet(PDF) 11 Page - Littelfuse

Part # LCFE201204A101TG
Description  This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LCFE201204A101TG Datasheet(HTML) 11 Page - Littelfuse

Back Button LCFE201204A101TG Datasheet HTML 7Page - Littelfuse LCFE201204A101TG Datasheet HTML 8Page - Littelfuse LCFE201204A101TG Datasheet HTML 9Page - Littelfuse LCFE201204A101TG Datasheet HTML 10Page - Littelfuse LCFE201204A101TG Datasheet HTML 11Page - Littelfuse LCFE201204A101TG Datasheet HTML 12Page - Littelfuse LCFE201204A101TG Datasheet HTML 13Page - Littelfuse LCFE201204A101TG Datasheet HTML 14Page - Littelfuse LCFE201204A101TG Datasheet HTML 15Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
littelfuse.com
© 2018 Littelfuse
Revised: 03/01/18
Specifications are subject to change without notice.
Product Characteristics
Soldering Parameters
Recommended Soldering Profile ( Lead free condition)
Reflow Condition
Wave Soldering
Pb-free assembly
260°C, 10 sec. max
160°C
1°C/second max
1°C/second max
2°C/second max
4 minutes max
185°C
260°C
260°C
220°C
100 − 120 seconds
30 − 50 seconds
5~10 seconds
TS(max) to TL - Ramp-up Rate
Peak Temperature (TP)
Ramp-down Rate
Time 25°C to Peak Temperature (TP)
Do not exceed
- Temperature Min (Ts(min))
- Temperature (TL) (Liquidus)
- Temperature Max (Ts(max))
- Temperature (tL)
- Time (Min to Max) (ts)
Average Ramp-up Rate
(Liquidus Temp (TL) to peak)
Time within 5°C of
actual peak Temperature (tp)
Pre Heat
Reflow
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP
Operating Temperature
-40ºC to +85ºC
Climatic Category
-40ºC to +85ºC/8 days
Stock Conditions
-10ºC + 40ºC RH, ≤ 70%
Vibration Resistance
5 g’s for 20 minutes, 12 cycles each
of 3 orientations
Lead Pull Strength
5N
Solderability
260ºC, ≤10s (Reflow),
Max 380ºC, ≤5s (Soldering iron)
Soldering Heat
Resistance
Max 260ºC 10sec(Wave), Max
Temperature: Max 380ºC (Max 5sec)
Differencial Mode S21
Differencial Mode
Common Mode Noise Filter
LCFE Series


Similar Part No. - LCFE201204A101TG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LCFEA LITTELFUSE-LCFEA Datasheet
1Mb / 8P
   This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection especially for high speed differential
LCFEA121002A900TG LITTELFUSE-LCFEA121002A900TG Datasheet
1Mb / 8P
   This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection especially for high speed differential
LCFEA201202A900TG LITTELFUSE-LCFEA201202A900TG Datasheet
1Mb / 8P
   This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection especially for high speed differential
LCFEA201204A101TG LITTELFUSE-LCFEA201204A101TG Datasheet
1Mb / 8P
   This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection especially for high speed differential
More results

Similar Description - LCFE201204A101TG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LCFEA LITTELFUSE-LCFEA Datasheet
1Mb / 8P
   This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection especially for high speed differential
LCF LITTELFUSE-LCF Datasheet
5Mb / 18P
   LCF Series covers the specification of the engineering requirements for both Common Mode Noise Filter (CMF) for high speed differential serial interfaces
logo
Tyco Electronics
108-5246 MACOM-108-5246 Datasheet
305Kb / 21P
   This specification covers the requirements for product performance
logo
Littelfuse
LCFA LITTELFUSE-LCFA Datasheet
1Mb / 7P
   LCFA Series cover the engineering requirements of Common Mode Noise Filter
logo
List of Unclassifed Man...
1N5554 ETC1-1N5554 Datasheet
202Kb / 28P
   This specification covers the performance requirements for silicon, general purpose,
TE21748032 ETC2-TE21748032 Datasheet
246Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance...
logo
TE Connectivity Ltd
114-6041 TEC-114-6041 Datasheet
258Kb / 10P
   This specification covers the requirements for application of CHAMP Cable Connectors
logo
List of Unclassifed Man...
ELC09D102F ETC-ELC09D102F Datasheet
258Kb / 7P
   This specification covers the CHOKE COIL
logo
ON Semiconductor
EMI4183MU ONSEMI-EMI4183MU Datasheet
876Kb / 10P
   Common Mode Filter with ESD Protection
July, 2012 ??Rev. P1
EMI4183MUTAG ONSEMI-EMI4183MUTAG Datasheet
875Kb / 10P
   Common Mode Filter with ESD Protection
March, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com