Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCFE201202A900TG Datasheet(PDF) 2 Page - Littelfuse

Part # LCFE201202A900TG
Description  This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LCFE201202A900TG Datasheet(HTML) 2 Page - Littelfuse

  LCFE201202A900TG Datasheet HTML 1Page - Littelfuse LCFE201202A900TG Datasheet HTML 2Page - Littelfuse LCFE201202A900TG Datasheet HTML 3Page - Littelfuse LCFE201202A900TG Datasheet HTML 4Page - Littelfuse LCFE201202A900TG Datasheet HTML 5Page - Littelfuse LCFE201202A900TG Datasheet HTML 6Page - Littelfuse LCFE201202A900TG Datasheet HTML 7Page - Littelfuse LCFE201202A900TG Datasheet HTML 8Page - Littelfuse LCFE201202A900TG Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
littelfuse.com
© 2018 Littelfuse
Revised: 03/01/18
Specifications are subject to change without notice.
1608mm Size
2012mm Size (LCFE201202A900TG, LCFE201202A121TG)
2012mm Size (LCFE201204A101TG)
3008mm Size
Item
Description
Source
Equipment
Rdc
Pin 1-8, 2-7,
3-6, 4-5
10mA DC
Source
Source Meter
CM
Impedance
Pin 1-2(Short) to
Pin 8-7(Short)
Pin 3-4(Short) to
Pin 6-5(Short)
500mV
LCR Meter
(3GHz)
IL
Pin 9 or 10 to
Pin 1~4 or 5~8
5V DC
Source
Source Meter
Item
Description
Source
Equipment
Rdc
Pin 1-8, 2-7,
3-6, 4-5
10mA DC
Source
Source Meter
CM
Impedance
Pin 1-2(Short) to
Pin 8-7(Short)
Pin 3-4(Short) to
Pin 6-5(Short)
500mV
LCR Meter
(3GHz)
IL
Pin 9 or 10 to
Pin 1~4 or 5~8
5V DC
Source
Source Meter
Item
Description
Source
Equipment
Rdc
Pin 1-12, 2-11,
3-10, 4-9, 5-8, 6-7
10mA DC
Source
Source Meter
CM
Impedance
Pin 1-2(Short) to
Pin 12-11(Short)
Pin 3-4(Short) to
Pin 10-9(Short)
Pin 5-6(Short) to
Pin 8-7(Short)
500mV
LCR Meter
(3GHz)
IL
Pin 13 or 14 to Pin
1~6 or 7~12
5V DC
Source
Source Meter
Common Mode Noise Filter
LCFE Series
Pin1
Pin2
Pin3
Pin4
Pin8
Pin7
Pin6
Pin5
Pin9
Pin10
Pin1
Pin2
Pin3
Pin4
Pin6
Pin5
Item
Description
Source
Equipment
Rdc
Pin 1-3, 2-4
10mA DC
Source
Source Meter
CM
Impedance
Pin 1-2(Short) to
Pin 3-4(Short)
500mV
LCR Meter
(3GHz)
IL
Pin 5 or 6 to
Pin 1,2,3,4
5V DC
Source
Source Meter
IR
CR
Pin 1-2 or
Pin 3-4
5V DC
Source
Source Meter
Pin1
Pin2
Pin3
Pin4
Pin8
Pin9
Pin10
Pin7
Pin6
Pin5
Pin1
Pin2
Pin3
Pin4
Pin6
Pin5
Pin8
Pin9
Pin10
Pin11
Pin12
Pin13
Pin14
Pin7


Similar Part No. - LCFE201202A900TG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LCFEA LITTELFUSE-LCFEA Datasheet
1Mb / 8P
   This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection especially for high speed differential
LCFEA121002A900TG LITTELFUSE-LCFEA121002A900TG Datasheet
1Mb / 8P
   This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection especially for high speed differential
LCFEA201202A900TG LITTELFUSE-LCFEA201202A900TG Datasheet
1Mb / 8P
   This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection especially for high speed differential
LCFEA201204A101TG LITTELFUSE-LCFEA201204A101TG Datasheet
1Mb / 8P
   This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection especially for high speed differential
More results

Similar Description - LCFE201202A900TG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LCFEA LITTELFUSE-LCFEA Datasheet
1Mb / 8P
   This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection especially for high speed differential
LCF LITTELFUSE-LCF Datasheet
5Mb / 18P
   LCF Series covers the specification of the engineering requirements for both Common Mode Noise Filter (CMF) for high speed differential serial interfaces
logo
Tyco Electronics
108-5246 MACOM-108-5246 Datasheet
305Kb / 21P
   This specification covers the requirements for product performance
logo
Littelfuse
LCFA LITTELFUSE-LCFA Datasheet
1Mb / 7P
   LCFA Series cover the engineering requirements of Common Mode Noise Filter
logo
List of Unclassifed Man...
1N5554 ETC1-1N5554 Datasheet
202Kb / 28P
   This specification covers the performance requirements for silicon, general purpose,
TE21748032 ETC2-TE21748032 Datasheet
246Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance...
logo
TE Connectivity Ltd
114-6041 TEC-114-6041 Datasheet
258Kb / 10P
   This specification covers the requirements for application of CHAMP Cable Connectors
logo
List of Unclassifed Man...
ELC09D102F ETC-ELC09D102F Datasheet
258Kb / 7P
   This specification covers the CHOKE COIL
logo
ON Semiconductor
EMI4183MU ONSEMI-EMI4183MU Datasheet
876Kb / 10P
   Common Mode Filter with ESD Protection
July, 2012 ??Rev. P1
EMI4183MUTAG ONSEMI-EMI4183MUTAG Datasheet
875Kb / 10P
   Common Mode Filter with ESD Protection
March, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com