Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMLJ10CA Datasheet(PDF) 4 Page - Micro Commercial Components

Part # SMLJ10CA
Description  Transient Voltage Suppressor 5.0 to 440 Volts 3000 Watt
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMLJ10CA Datasheet(HTML) 4 Page - Micro Commercial Components

  SMLJ10CA Datasheet HTML 1Page - Micro Commercial Components SMLJ10CA Datasheet HTML 2Page - Micro Commercial Components SMLJ10CA Datasheet HTML 3Page - Micro Commercial Components SMLJ10CA Datasheet HTML 4Page - Micro Commercial Components SMLJ10CA Datasheet HTML 5Page - Micro Commercial Components SMLJ10CA Datasheet HTML 6Page - Micro Commercial Components SMLJ10CA Datasheet HTML 7Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ÍÓÔÖëòð ÌØÎË SMLJ440CA
ÛÔÛÝÌÎ×ÝßÔ ÝØßÎßÝÌÛÎ×ÍÌ×ÝÍ àîëpÝ
©©©ò³½½-»³·ò½±³
ì ±º é
Revision: G
2015/12/30
DJG
224
246
272
279
DHZ
DJE
REVERSE
@VWM
30
MCC
PART NUMBER
REVERSE
STAND-OFF
VOLTAGE
VWM
BREAKDOWN VOLTAGE
V(BR) @ IT
(VOLTS)
MAXIMUM
CLAMPING
VOLTAGE @ IPP
PEAK PULSE
CURRENT IPP
MAXIMUM
LEAKAGE
ID
MARKING CODE
(VOLTS)
MIN
MAX
IT (mA)
(VOLTS)
(AMPS)
(µA)
1
2
SMLJ28C
28
31.1
38.0
1
50.0
60.0
5
DFF
IFF
SMLJ28CA
28
31.1
34.4
1
45.4
66.0
5
DFG
IFG
SMLJ30C
33.3
40.7
1
53.5
56.0
5
DFH
IFH
SMLJ30CA
30
33.3
36.8
1
48.4
62.0
5
DFK
IFK
SMLJ33C
33
36.7
44.9
1
59.0
50.4
5
DFL
IFL
SMLJ33CA
33
36.7
40.6
1
53.3
56.2
5
DFM
IFM
SMLJ36C
36
40.0
48.9
1
64.3
46.6
5
DFN
IFN
SMLJ36CA
36
40.0
44.2
1
58.1
51.6
5
DFP
IFP
SMLJ40C
40
44.4
54.3
1
71.4
42.0
5
DFQ
IFQ
SMLJ40CA
40
44.4
49.1
1
64.5
46.4
5
DFR
IFR
SMLJ43C
43
47.8
58.4
1
76.7
39.2
5
DFS
IFS
SMLJ43CA
43
47.8
52.8
1
69.4
43.2
5
DFT
IFT
SMLJ45C
45
50.0
61.1
1
80.3
37.4
5
DFU
IFU
SMLJ45CA
45
50.0
55.3
1
72.7
41.2
5
DFV
IFV
SMLJ48C
48
53.3
65.1
1
85.5
35.0
5
DFW
IFW
SMLJ48CA
48
53.3
58.9
1
77.4
38.8
5
DFX
IFX
SMLJ51C
51
56.7
69.3
1
91.1
37.0
5
DFY
IFY
SMLJ51CA
51
56.7
62.7
1
82.4
36.4
5
DFZ
IFZ
SMLJ54C
54
60.0
73.3
1
96.3
31.2
5
DGD
IGD
SMLJ54CA
54
60.0
66.3
1
87.1
34.4
5
DGE
IGE
SMLJ58C
58
64.4
78.7
1
103
39.2
5
DGF
IGF
SMLJ58CA
58
64.4
71.2
1
93.6
32.0
5
DGG
IGG
SMLJ60C
60
66.7
81.5
1
107
28.0
5
DGH
IGH
SMLJ60CA
60
66.7
73.7
1
96.8
31.0
5
DGK
IGK
SMLJ64C
64
71.1
86.9
1
114
26.4
5
DGL
IGL
SMLJ64CA
64
71.1
78.6
1
103
29.2
5
DGM
IGM
SMLJ70C
70
77.8
95.1
1
125
24.0
5
DGN
IGN
SMLJ70CA
70
77.8
86.0
1
113
26.6
5
DGP
IGP
SMLJ75C
75
83.3
102
1
134
22.4
5
DGQ
IGQ
SMLJ75CA
75
83.3
92.1
1
121
24.8
5
DGR
IGR
SMLJ78C
78
86.7
106
1
139
21.6
5
DGS
IGS
SMLJ78CA
78
86.7
95.8
1
126
22.8
5
DGT
IGT
SMLJ85C
85
94.4
115
1
151
19.8
5
DGU
IGU
SMLJ85CA
85
94.4
104
1
137
20.8
5
DGV
IGV
SMLJ90C
90
100
122
1
160
18.8
5
DGW
IGW
SMLJ90CA
90
100
111
1
146
20.6
5
DGX
IGX
SMLJ100C
100
111
136
1
179
16.8
5
DGY
IGY
SMLJ100CA
100
111
123
1
162
18.6
5
DGZ
IGZ
SMLJ110C
110
122
149
1
196
15.4
5
DHD
IHD
SMLJ110CA
110
122
135
1
177
16.8
5
DHE
IHE
SMLJ120C
120
133
163
1
214
14.0
5
DHF
IHF
SMLJ120CA
120
133
147
1
193
15.6
5
DHG
IHG
SMLJ130C
130
144
176
1
231
13.0
5
DHH
IHH
SMLJ130CA
130
144
159
1
209
14.4
5
DHK
IHK
SMLJ150C
150
167
204
1
268
11.2
5
DHL
IHL
SMLJ150CA
150
167
185
1
243
12.4
5
DHM
IHM
SMLJ160C
160
178
218
1
287
10.4
5
DHN
IHN
SMLJ160CA
160
178
197
1
259
11.6
5
DHP
IHP
SMLJ170C
170
189
231
1
304
9.8
5
DHQ
IHQ
SMLJ170CA
170
189
209
1
275
11.0
5
DHR
IHR
SMLJ180CA
180
200
220
5
291.6
10.29
2
DHT
SMLJ190CA
190
211
232
5
307.8
9.75
2
DHV
SMLJ200CA
200
247
5
324
9.26
2
DHW
SMLJ220CA
220
5
356
8.43
2
DHX
SMLJ250CA
250
309
5
405
7.41
2
SMLJ300CA
300
335
371
5
486
6.17
2
SMLJ350CA
350
391
432
5
567
5.29
2
SMLJ400CA
400
447
494
5
648
4.63
2
DJK
SMLJ440CA
440
492
543
5
713
4.21
2
66
DJM
Micro Commercial Components
M C C
TM


Similar Part No. - SMLJ10CA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SMLJ10CA BOURNS-SMLJ10CA Datasheet
205Kb / 5P
   SMLJ Transient Voltage Suppressor Diode Series
logo
MDE Semiconductor, Inc.
SMLJ10CA MDE-SMLJ10CA Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Bourns Electronic Solut...
SMLJ10CA BOURNS-SMLJ10CA Datasheet
258Kb / 5P
   Transient Voltage Suppressor Diode Series
SMLJ10CA BOURNS-SMLJ10CA Datasheet
182Kb / 6P
   SMLJ Transient Voltage Suppressor Diode Series
REV. 02/21
More results

Similar Description - SMLJ10CA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMLJ50 MCC-SMLJ50 Datasheet
428Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMLJ15A-TP MCC-SMLJ15A-TP Datasheet
492Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMLJ22A-TP MCC-SMLJ22A-TP Datasheet
504Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMBJ5.0 MCC-SMBJ5.0_09 Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ170A-TP MCC-SMBJ170A-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ18CA-TP MCC-SMBJ18CA-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMCJ26CA-TP MCC-SMCJ26CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ24CA-TP MCC-SMCJ24CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ28CA-TP MCC-SMCJ28CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com