Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPA424P-TL Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DPA424P-TL
Description  Highly Integrated DC-DC Converter ICs for Distributed Power Architectures
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DPA424P-TL Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DPA424P-TL Datasheet HTML 1Page - Power Integrations, Inc. DPA424P-TL Datasheet HTML 2Page - Power Integrations, Inc. DPA424P-TL Datasheet HTML 3Page - Power Integrations, Inc. DPA424P-TL Datasheet HTML 4Page - Power Integrations, Inc. DPA424P-TL Datasheet HTML 5Page - Power Integrations, Inc. DPA424P-TL Datasheet HTML 6Page - Power Integrations, Inc. DPA424P-TL Datasheet HTML 7Page - Power Integrations, Inc. DPA424P-TL Datasheet HTML 8Page - Power Integrations, Inc. DPA424P-TL Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Figure 1. Typical Forward Converter Application.
Table 1. Notes: 1. Maximum output power is limited by device internal
current limit. 2. See Applications Considerations section for complete
description of assumptions and for output powers with other input voltage
ranges. 3. For device dissipation of 1.5 W or below, use P or G packages.
Device dissipation above 1.5 W is possible only with R package. 4. See
Part Ordering Information. 5. Due to higher switching losses, the DPA425
may not deliver additional power compared to a smaller device.
DPA423-426
DPA-Switch Family
Highly Integrated DC-DC Converter ICs
for Distributed Power Architectures
The following transparent or built-in features are also provided:
soft-start, cycle skipping down to zero load and hysteretic
thermal shutdown. In addition, all critical parameters (i.e.
current limit, frequency, PWM gain) have tight temperature
and absolute tolerance, to simplify design and optimize system
cost.
Product Highlights
Highly Integrated Solution
• Eliminates 20-50 external components–saves space, cost
• Integrates 220 V high frequency MOSFET, PWM control
• Lower cost plastic DIP surface mount (G package) and
through-hole (P package) options for designs
≤35 W
Superior Performance and Flexibility
• Eliminates all external current sensing circuitry
• Built-in auto-restart for output overload/open loop protection
• Pin selectable 300/400 kHz fixed frequency
•Wide input (line) voltage range: 16-75 VDC
• Source connected tab reduces EMI
• Line under-voltage (UV) detection: meets ETSI standards
• Line overvoltage (OV) shutdown protection
• Low cost synchronous rectification: line UV/OV shut down
limits gate drive voltage range from transformer winding
• Fully integrated soft-start for minimum stress/overshoot
• Externally programmable current limit
• Supports forward or flyback topology
• Cycle skipping: regulation to zero load without pre-load
• Hysteretic thermal shutdown for automatic fault recovery
EcoSmart
- Energy Efficient
• Extremely low consumption at no load
• Cycle skipping at light load for high standby efficiency
Applications
• Telco central office equipment: xDSL, ISDN, PABX, etc.
• Distributed power architectures (24 V/48 V bus, etc.)
• Digital feature phones, VoIP phones, PoE
• Industrial controls (24 V/48 V)
Description
The DPA-Switch IC family introduces a highly integrated
solution for DC-DC conversion applications in the 16-75 VDC
input range.
DPA-Switch uses the same proven topology as TOPSwitch, cost
effectively integrating the high voltage power MOSFET, PWM
control, fault protection and other control circuitry onto a single
CMOS chip. High performance features are enabled with three
user configurable pins.
®
January 2004
PRODUCT4
OUTPUT POWER TABLE
12 W 16 W
-
-
-
18 W
16 W 23 W 35 W
-
-
35 W
23 W 32 W 50 W 62 W
-
70 W
25 W 35 W 55 W 70 W 83 W 100 W
DPA423
DPA424
DPA425
DPA426
36-75 VDC INPUT RANGE (FORWARD)2,4
Total Device
Dissipation3 0.5 W 1 W 2.5 W
4 W
6 W
Max
Power
Output1
PI-2770-032002
D
S
C
DPA-Switch
VIN
VO
F
X
L
CONTROL
SENSE
CIRCUIT
RESET/
CLAMP
CIRCUIT
PRODUCT4
9 W
13 W
-
-
13 W
10 W 14.5 W 18 W
24 W
26 W
-5
-5
-5
25.5 W
52 W
DPA423
DPA424
DPA425
36-75 VDC INPUT RANGE (FLYBACK)2
Total Device3
Dissipation
0.5 W
0.75 W
1 W
1.5 W
Max
Power
Output1


Similar Part No. - DPA424P-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DPA424PN POWERINT-DPA424PN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide
DPA424PN-TL POWERINT-DPA424PN-TL Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
October 2022
More results

Similar Description - DPA424P-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DPA424SN POWERINT-DPA424SN Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA424GN-TL POWERINT-DPA424GN-TL Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA423 POWERINT-DPA423_V01 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
October 2022
DPA424G POWERINT-DPA424G Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA425R POWERINT-DPA425R Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA422 POWERINT-DPA422 Datasheet
710Kb / 36P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
logo
Lineage Power Corporati...
JAW075F1 LINEAGEPOWER-JAW075F1 Datasheet
524Kb / 16P
   Distributed power architectures
logo
Power-One
QLS20ZG POWER-ONE-QLS20ZG Datasheet
217Kb / 8P
   Distributed power architectures
logo
Lineage Power Corporati...
JC050C1 LINEAGEPOWER-JC050C1 Datasheet
458Kb / 16P
   Distributed power architectures
logo
Bel Fuse Inc.
SRBH-06H1A0 BEL-SRBH-06H1A0 Datasheet
1Mb / 10P
   Distributed Power Architectures
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com