Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSA5.0AFT3G Datasheet(PDF) 2 Page - Littelfuse

Part # NSA5.0AFT3G
Description  400 Watt Peak Power Zener Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

NSA5.0AFT3G Datasheet(HTML) 2 Page - Littelfuse

  NSA5.0AFT3G Datasheet HTML 1Page - Littelfuse NSA5.0AFT3G Datasheet HTML 2Page - Littelfuse NSA5.0AFT3G Datasheet HTML 3Page - Littelfuse NSA5.0AFT3G Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NSA5.0AFT3G
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Power Dissipation (Note 1) @ TL = 25°C, Pulse Width = 1 ms
PPK
400
W
DC Power Dissipation @ TL = 75°C
Measured Zero Lead Length (Note 2)
Derate Above 75°C
Thermal Resistance from Junction to Lead
PD
RqJL
1.5
20
50
W
mW/°C
°C/W
DC Power Dissipation (Note 3) @ TA = 25°C
Derate Above 25°C
Thermal Resistance from Junction to Ambient
PD
RqJA
0.5
4.0
250
W
mW/°C
°C/W
Forward Surge Current (Note 4) @ TA = 25°C
IFSM
40
A
Operating and Storage Temperature Range
TJ, Tstg
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. 10 X 1000 ms, non−repetitive.
2. 1″ square copper pad, FR−4 board.
3. FR−4 board, using Littelfuse minimum recommended footprint, as shown in 403AA case outline dimensions spec.
4. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
IF
Forward Current
VF
Forward Voltage @ IF
Uni−Directional TVS
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF
ELECTRICAL CHARACTERISTICS
Device
Device
Marking
VRWM
(Note 5)
IR @
VRWM
Breakdown Voltage
VC @ IPP
(Note 7)
C Typ.
(Note 8)
VF @ IF
(Note 9)
VBR (Volts) (Note 6)
@ IT
VC
IPP
Max
Volts
mA
Min
Nom
Max
mA
Volts
Amps
pF
V
NSA5.0AFT3G
QA
5.0
400
6.4
6.7
7.0
10
9.2
43.5
2450
3.5
5. A transient suppressor is normally selected according to the working peak reverse voltage (VRWM), which should be equal to or greater than
the DC or continuous peak operating voltage level.
6. VBR measured at pulse test current IT at an ambient temperature of 25°C.
7. Surge current waveform per Figure 2 and derate per Figure 3.
8. Bias voltage = 0 V, F = 1.0 MHz, TJ = 25°C.
9. 1/2 sine wave or equivalent, PW = 8.3 ms, non−repetitive, IF = 30 A.
2
Publication Order Number:
NSA5.0AF/D
Specifications subject to change without notice. © 2016 Littelfuse, Inc.
September 19, 2016 − Rev. 0


Similar Part No. - NSA5.0AFT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSA5.0AFT3G ONSEMI-NSA5.0AFT3G Datasheet
101Kb / 4P
   400 Watt Peak Power Zener Transient Voltage
September, 2011 ??Rev. 0
More results

Similar Description - NSA5.0AFT3G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
NSA5.0AT3G LITTELFUSE-NSA5.0AT3G Datasheet
232Kb / 4P
   400 Watt Peak Power Zener Transient Voltage Suppressor
logo
ON Semiconductor
NSA5.0AT3G ONSEMI-NSA5.0AT3G Datasheet
107Kb / 4P
   400 Watt Peak Power Zener Transient Voltage Suppressor
October, 2008 ??Rev. 1
logo
AiT Semiconductor Inc.
SMAJ110 AITSEMI-SMAJ110 Datasheet
341Kb / 8P
   TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
SMAJ100A AITSEMI-SMAJ100A Datasheet
341Kb / 8P
   TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
SMAJ5.0 AITSEMI-SMAJ5.0 Datasheet
322Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
logo
ON Semiconductor
NSA5.0AFT3G ONSEMI-NSA5.0AFT3G Datasheet
101Kb / 4P
   400 Watt Peak Power Zener Transient Voltage
September, 2011 ??Rev. 0
SZ1SMA24CAT3 ONSEMI-SZ1SMA24CAT3 Datasheet
145Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
1SMA10CAT3 ONSEMI-1SMA10CAT3_07 Datasheet
86Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
October, 2007 - Rev. 10
1SMA5.0AT3 ONSEMI-1SMA5.0AT3_10 Datasheet
144Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
May, 2010 ??Rev. 11
1SMA5.0AT3 ONSEMI-1SMA5.0AT3 Datasheet
55Kb / 6P
   400 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com