Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCF080602A900TG Datasheet(PDF) 7 Page - Littelfuse

Part # LCF080602A900TG
Description  LCF Series covers the specification of the engineering requirements for both Common Mode Noise Filter (CMF) for high speed differential serial interfaces
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LCF080602A900TG Datasheet(HTML) 7 Page - Littelfuse

Back Button LCF080602A900TG Datasheet HTML 3Page - Littelfuse LCF080602A900TG Datasheet HTML 4Page - Littelfuse LCF080602A900TG Datasheet HTML 5Page - Littelfuse LCF080602A900TG Datasheet HTML 6Page - Littelfuse LCF080602A900TG Datasheet HTML 7Page - Littelfuse LCF080602A900TG Datasheet HTML 8Page - Littelfuse LCF080602A900TG Datasheet HTML 9Page - Littelfuse LCF080602A900TG Datasheet HTML 10Page - Littelfuse LCF080602A900TG Datasheet HTML 11Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
littelfuse.com
© 2017 Littelfuse
Revised: 06/23/17
Specifications are subject to change without notice.
Transmission Characteristics (S-parameter)
Common Mode S21
Differencial Mode S21
Differencial Mode S21
Impedance Curves (Common Mode)
2012mm size
Impedance Curves (Differencial Mode)
Impedance Curves (Differencial Mode)
Common Mode Noise Filter
LCF Series
1M
10M100M1G10G
1
10
100
1k
10k
ICMF212P121MFR
ICMF212P900MFR
ICMF214P300MFR
ICMF214P101MFR
ICMF214P181MFR
Frequency (Hz)
1M
10M
100M
1G
10G
1
10
100
1k
10k
ICMF212P121MFR
ICMF212P900MFR
ICMF214P300MFR
ICMF214P101MFR
ICMF214P181MFR
Frequency (Hz)
1M
10M
100M
1G
10G
-48
-42
-36
-30
-24
-18
-12
-6
0
Frequency(Hz)
ICMF214P300MFR
ICMF214P101MFR
ICMF214P181MFR
1M
10M
100M
1G
10G
-48
-42
-36
-30
-24
-18
-12
-6
0
Frequency(Hz)
ICMF212P900MFR
ICMF214P300MFR
ICMF214P101MFR
ICMF214P181MFR


Similar Part No. - LCF080602A900TG

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
   Plug-in Signal Conditioners M-UNIT
logo
Vishay Siliconix
LCF-102PTIFGDBN0H VISHAY-LCF-102PTIFGDBN0H Datasheet
148Kb / 14P
   10.2" Color TFT Display
01-Jan-2022
LCF-102PTIFGDBN0H VISHAY-LCF-102PTIFGDBN0H Datasheet
149Kb / 14P
   10.2" Color TFT Display
01-Jan-2023
LCF-102PTIFGDBN0H VISHAY-LCF-102PTIFGDBN0H_V01 Datasheet
149Kb / 14P
   10.2" Color TFT Display
01-Jan-2023
logo
M-System Co.,Ltd.
LCF-11-B MSYSTEM-LCF-11-B Datasheet
115Kb / 4P
   Plug-in Signal Conditioners M-UNIT
More results

Similar Description - LCF080602A900TG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LCFEA LITTELFUSE-LCFEA Datasheet
1Mb / 8P
   This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection especially for high speed differential
LCFE LITTELFUSE-LCFE Datasheet
5Mb / 20P
   This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection
LCFA LITTELFUSE-LCFA Datasheet
1Mb / 7P
   LCFA Series cover the engineering requirements of Common Mode Noise Filter
logo
Tyco Electronics
108-5246 MACOM-108-5246 Datasheet
305Kb / 21P
   This specification covers the requirements for product performance
logo
TE Connectivity Ltd
114-6041 TEC-114-6041 Datasheet
258Kb / 10P
   This specification covers the requirements for application of CHAMP Cable Connectors
logo
STMicroelectronics
ECMF04-4HSWM10 STMICROELECTRONICS-ECMF04-4HSWM10 Datasheet
2Mb / 13P
   Common-mode filter with ESD protection for high-speed serial interfaces
June 2014 Rev 1
logo
List of Unclassifed Man...
1N5554 ETC1-1N5554 Datasheet
202Kb / 28P
   This specification covers the performance requirements for silicon, general purpose,
logo
Roithner LaserTechnik G...
ELD98NPT50 ROITHNER-ELD98NPT50 Datasheet
1Mb / 7P
   the specification covers
logo
Advanced Crystal Techno...
ACTF46 ACT-ACTF46 Datasheet
733Kb / 7P
   This specification covers the characteristics of the following SAW Duplexer used for the cordless phones:
SEPT 04
logo
List of Unclassifed Man...
SFX-0500 ETC2-SFX-0500 Datasheet
596Kb / 10P
   specification describes the requirements of 200,220,250,275Watts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com