Electronic Components Datasheet Search |
|
S29WS064N0LBAI113 Datasheet(PDF) 9 Page - SPANSION |
|
S29WS064N0LBAI113 Datasheet(HTML) 9 Page - SPANSION |
9 / 99 page January 25, 2005 S29WS-N_00_G0 S29WS-N MirrorBit™ Flash Family 7 Ad vance Information 2 Input/Output Descriptions & Logic Symbol Table identifies the input and output package connections provided on the device. Table 2.1. Input/Output Descriptions Symbol Type Description A23–A0 Input Address lines for WS256N (A22-A0 for WS128 and A21-A0 for WS064N). DQ15–DQ0 I/O Data input/output. CE# Input Chip Enable. Asynchronous relative to CLK. OE# Input Output Enable. Asynchronous relative to CLK. WE# Input Write Enable. VCC Supply Device Power Supply. VIO Input VersatileIO Input. Should be tied to VCC. VSS I/O Ground. NC No Connect Not connected internally. RDY Output Ready. Indicates when valid burst data is ready to be read. CLK Input Clock Input. In burst mode, after the initial word is output, subsequent active edges of CLK increment the internal address counter. Should be at VIL or VIH while in asynchronous mode. AVD# Input Address Valid. Indicates to device that the valid address is present on the address inputs. When low during asynchronous mode, indicates valid address; when low during burst mode, causes starting address to be latched at the next active clock edge. When high, device ignores address inputs. RESET# Input Hardware Reset. Low = device resets and returns to reading array data. WP# Input Write Protect. At VIL, disables program and erase functions in the four outermost sectors. Should be at VIH for all other conditions. ACC Input Acceleration Input. At VHH, accelerates programming; automatically places device in unlock bypass mode. At VIL, disables all program and erase functions. Should be at VIH for all other conditions. RFU Reserved Reserved for future use (see MCP look-ahead pinout for use with MCP). |
Similar Part No. - S29WS064N0LBAI113 |
|
Similar Description - S29WS064N0LBAI113 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |