Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DST1550S Datasheet(PDF) 3 Page - Littelfuse

Part # DST1550S
Description  Littelfuse DST series Ultra Low VF Schottky Barrier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

DST1550S Datasheet(HTML) 3 Page - Littelfuse

  DST1550S Datasheet HTML 1Page - Littelfuse DST1550S Datasheet HTML 2Page - Littelfuse DST1550S Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Schottky Barrier Rectifier
©2017 Littelfuse, Inc
Specifications are subject to change without notice.
Revised:03/16/17
DST860S, 8A, 60V,TO-277B, Single
DST1550S, 15A, 50V,TO-277B, Single
Dimensions-TO-277B
Symbol
Millimeters
Min
Typ
Max
A
6.30
6.50
6.70
B
3.88
3.98
4.08
C
0.95
1.10
1.25
D
0.20
0.25
0.30
E
5.28
5.38
5.48
F
3.40
3.55
3.70
G
2.90
3.05
3.20
H
1.74
1.84
1.94
I
1.10
1.25
1.40
J
-
0.85
-
K
1.70
1.80
1.90
L
0.85
0.90
0.95
M
-
0.56
-
Packing Options
Part Number
Marking
Packing Mode
M.O.Q
DST1550S
DST1550S
5000pcs / Reel
5000
Part Numbering and Marking System
6
LF YYWWL
DST860S
DST
= Device Type
8
= Forward Current (8A)
60
= Reverse Voltage (60V)
YY
= Year
WW
= Week
L
= Lot Number
LF
= Littelfuse
S
= Package Type
Carrier Tape & Reel Specification
K
C
A
E
G
F
J
I
M
H
B
L
D
K
C
A
E
G
F
J
I
M
H
B
L
D
Mounting Pad Layout
3.20[0.126]
MAX
4.90[0.193]
MAX
1.00[0.039]
MAX
1.40[0.055]
MAX
1.94[0.076]
MAX
0.95[0.037]
MAX
DST1550S
15
(15A)
50
(50V)
Symbol
Millimeters
Min
Max
A
4.28
4.48
B
6.80
7.00
d
1.40
1.60
d1
-
1.50
E
1.65
1.85
F
5.40
5.60
P
7.90
8.10
P0
3.90
4.10
W
11.70
12.30


Similar Part No. - DST1550S

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
DST1550S THINKISEMI-DST1550S Datasheet
1Mb / 3P
   15 Ampere,50 Volt Trench Process Low Vf Schottky Barrier Rectifier
Rev.12T
More results

Similar Description - DST1550S

ManufacturerPart #DatasheetDescription
logo
Littelfuse
DST8100S-A LITTELFUSE-DST8100S-A Datasheet
992Kb / 4P
   Littelfuse DST series Ultra Low VF Schottky Barrier
DST10100S-A LITTELFUSE-DST10100S-A Datasheet
1,008Kb / 4P
   Littelfuse DST series Ultra Low VF Schottky Barrier
DST2050S LITTELFUSE-DST2050S Datasheet
844Kb / 3P
   Littelfuse DST series Ultra Low VF Schottky Barrier
DST1045S-A LITTELFUSE-DST1045S-A Datasheet
1Mb / 3P
   Littelfuse DST series Ultra Low VF Schottky Barrier
DST1050S-A LITTELFUSE-DST1050S-A Datasheet
900Kb / 3P
   Littelfuse DST series Ultra Low VF Schottky Barrier
DST12100S LITTELFUSE-DST12100S Datasheet
894Kb / 3P
   Littelfuse DST series Ultra Low VF Schottky Barrier
DST860S-A LITTELFUSE-DST860S-A Datasheet
950Kb / 3P
   Littelfuse DST series Ultra Low VF Schottky Barrier
DST1050S LITTELFUSE-DST1050S Datasheet
848Kb / 3P
   Littelfuse DST series Ultra Low VF Schottky Barrier
DST5100S-A LITTELFUSE-DST5100S-A Datasheet
930Kb / 4P
   Littelfuse DST series Ultra Low VF Schottky Barrier
DST580S-A LITTELFUSE-DST580S-A Datasheet
949Kb / 3P
   Littelfuse DST series Ultra Low VF Schottky Barrier
DST1040S-A LITTELFUSE-DST1040S-A Datasheet
993Kb / 4P
   Littelfuse DST series Ultra Low VF Schottky Barrier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com