Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DST1050S Datasheet(PDF) 1 Page - Littelfuse

Part # DST1050S
Description  Littelfuse DST series Ultra Low VF Schottky Barrier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

DST1050S Datasheet(HTML) 1 Page - Littelfuse

  DST1050S Datasheet HTML 1Page - Littelfuse DST1050S Datasheet HTML 2Page - Littelfuse DST1050S Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Rectifier
©2017 Littelfuse, Inc
Specifications are subject to change without notice.
Revised:03/16/17
DST860S, 8A, 60V,TO-277B, Single
DST1050S
RoHS Pb
Maximum Ratings
Parameters
Symbol
Test Conditions
Max
Unit
Peak Inverse Voltage
V
RWM
-
50
V
Average Forward Current
I
F(AV)
50% duty cycle @T
L = 125 °C
rectangular wave form
10
A
Peak One Cycle Non-Repetitive Surge
Current
I
FSM
8.3 ms, half Sine pulse
150
A
Electrical Characteristics
Parameters
Symbol
Test Conditions
Typ
Max
Unit
Forward Voltage Drop*
V
F1
@5A, Pulse, T
J = 25 °C
0.40
0.48
V
@10A, Pulse, T
J = 25 °C
0.47
0.55
V
F2
@5A, Pulse, T
J = 125 °C
0.30
0.39
@10A, Pulse, T
J = 125 °C
0.40
0.49
Reverse Current*
I
R1
@V
R = rated VR, TJ = 25 °C
0.05
1.5
mA
I
R2
@V
R = rated VR, TJ = 125 °C
32
85
* Pulse Width < 300μs, Duty Cycle <2%
Pin out
1
K
2
Anode
Anode
Cathode
Description
Applications
Littelfuse DST series Ultra Low V
F Schottky Barrier
Rectifier is designed to meet the general requirements
of commercial and industry applications by providing high
temperature, low leakage and lower V
F products.
It is suitable for high frequency switching mode power
supply, free-wheeling diodes and polarity protection
diodes.
• Switching mode power
supply
• DC/DC converters
• Free-Wheeling diodes
• Polarity Protection Diodes
Features
DST1050S, 10A, 50V,TO-277B, Single
• Ultra low forward voltage
drop
• High frequency operation
• MSL: Level 1 - unlimited
• High junction
temperature capability
• Trench MOS Schottky
technology
• Single die in TO-277B
Package
• Pb-free E3 means 2nd
level interconnect is
Pb-free and the terminal
finish material is tin(Sn)
(IPC/ JEDEC J-STD-
609A.01)
e3


Similar Part No. - DST1050S

ManufacturerPart #DatasheetDescription
logo
Littelfuse
DST1050S-A LITTELFUSE-DST1050S-A Datasheet
900Kb / 3P
   Littelfuse DST series Ultra Low VF Schottky Barrier
More results

Similar Description - DST1050S

ManufacturerPart #DatasheetDescription
logo
Littelfuse
DST8100S-A LITTELFUSE-DST8100S-A Datasheet
992Kb / 4P
   Littelfuse DST series Ultra Low VF Schottky Barrier
DST10100S-A LITTELFUSE-DST10100S-A Datasheet
1,008Kb / 4P
   Littelfuse DST series Ultra Low VF Schottky Barrier
DST2050S LITTELFUSE-DST2050S Datasheet
844Kb / 3P
   Littelfuse DST series Ultra Low VF Schottky Barrier
DST1045S-A LITTELFUSE-DST1045S-A Datasheet
1Mb / 3P
   Littelfuse DST series Ultra Low VF Schottky Barrier
DST1050S-A LITTELFUSE-DST1050S-A Datasheet
900Kb / 3P
   Littelfuse DST series Ultra Low VF Schottky Barrier
DST12100S LITTELFUSE-DST12100S Datasheet
894Kb / 3P
   Littelfuse DST series Ultra Low VF Schottky Barrier
DST860S-A LITTELFUSE-DST860S-A Datasheet
950Kb / 3P
   Littelfuse DST series Ultra Low VF Schottky Barrier
DST5100S-A LITTELFUSE-DST5100S-A Datasheet
930Kb / 4P
   Littelfuse DST series Ultra Low VF Schottky Barrier
DST580S-A LITTELFUSE-DST580S-A Datasheet
949Kb / 3P
   Littelfuse DST series Ultra Low VF Schottky Barrier
DST1040S-A LITTELFUSE-DST1040S-A Datasheet
993Kb / 4P
   Littelfuse DST series Ultra Low VF Schottky Barrier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com