Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPA424 Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # DPA424
Description  Highly Integrated DC-DC Converter ICs for Distributed Power Architectures
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DPA424 Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button DPA424 Datasheet HTML 9Page - Power Integrations, Inc. DPA424 Datasheet HTML 10Page - Power Integrations, Inc. DPA424 Datasheet HTML 11Page - Power Integrations, Inc. DPA424 Datasheet HTML 12Page - Power Integrations, Inc. DPA424 Datasheet HTML 13Page - Power Integrations, Inc. DPA424 Datasheet HTML 14Page - Power Integrations, Inc. DPA424 Datasheet HTML 15Page - Power Integrations, Inc. DPA424 Datasheet HTML 16Page - Power Integrations, Inc. DPA424 Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
DPA423-426
13
K
1/04
Figure 15. Externally Set Current Limit.
Figure 16. Current Limit Reduction with Line Voltage.
X
PI-2836-011904
DC
Input
Voltage
+
-
D
S
C
R
IL
For RIL = 12 kΩ
ILIMIT = 64%
See Figure 34 for other
resistor values (RIL)
For RIL = 25 kΩ
ILIMIT = 34%
CONTROL
X
PI-2854-050602
DC
Input
Voltage
+
-
D
S
C
363 kΩ
R
LS
4.2 kΩ
R
IL
100% @ 36 VDC
64% @ 72 VDC
ILIMIT =
ILIMIT =
CONTROL
Figure 17. Active-on (Fail Safe) Remote ON/OFF.
Figure 18. Active-off Remote ON/OFF. Maximum Duty Cycle will
be reduced.
Figure 19. Active-on Remote ON/OFF with Externally Set Current
Limit.
Figure 20. Active-off Remote ON/OFF with Externally Set Current
Limit.
X
ON/OFF
47 kΩ
PI-2856-072602
DC
Input
Voltage
+
-
D
S
C
R
IL
Q
R
For RIL = 12 kΩ
ILIMIT = 64%
For RIL = 25 kΩ
ILIMIT = 34%
QR can be an optocoupler
output or can be replaced
by a MOSFET or manual
switch.
CONTROL
PI-2857-050602
DC
Input
Voltage
+
-
D
S
C
CONTROL
L
47 kΩ
Q
R
R
MC
37.4 kΩ
QR can be an
optocoupler output
or can be replaced
by a manual switch.
ON/OFF
X
R
IL
For RIL = 12 kΩ
ILIMIT = 64%
For RIL = 25 kΩ
ILIMIT = 34%
PI-2855-050602
DC
Input
Voltage
+
-
D
S
C
CONTROL
L
47 kΩ
Q
R
R
MC
37.4 kΩ
QR can be an
optocoupler output or
can be replaced
by a manual switch.
ON/OFF
X
PI-2625-040501
DC
Input
Voltage
+
-
D
S
C
ON/OFF
47 KΩ
QR can be an optocoupler
output or can be replaced by
a manual switch.
Q
R
CONTROL
Typical Uses of LINE-SENSE (L) and EXTERNAL CURRENT LIMIT (X) Pins (cont.)


Similar Part No. - DPA424

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DPA424 POWERINT-DPA424 Datasheet
710Kb / 36P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA424 POWERINT-DPA424 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA424 POWERINT-DPA424 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA424 POWERINT-DPA424 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA424 POWERINT-DPA424 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
More results

Similar Description - DPA424

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DPA424SN POWERINT-DPA424SN Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA424GN-TL POWERINT-DPA424GN-TL Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA423 POWERINT-DPA423_V01 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
October 2022
DPA424G POWERINT-DPA424G Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA425R POWERINT-DPA425R Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA422 POWERINT-DPA422 Datasheet
710Kb / 36P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
logo
Lineage Power Corporati...
JAW075F1 LINEAGEPOWER-JAW075F1 Datasheet
524Kb / 16P
   Distributed power architectures
logo
Power-One
QLS20ZG POWER-ONE-QLS20ZG Datasheet
217Kb / 8P
   Distributed power architectures
logo
Lineage Power Corporati...
JC050C1 LINEAGEPOWER-JC050C1 Datasheet
458Kb / 16P
   Distributed power architectures
logo
Bel Fuse Inc.
SRBH-06H1A0 BEL-SRBH-06H1A0 Datasheet
1Mb / 10P
   Distributed Power Architectures
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com