Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3015-28ST Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CM3015-28ST
Description  Micropower, 300mA Low Dropout CMOS Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3015-28ST Datasheet(HTML) 5 Page - California Micro Devices Corp

  CM3015-28ST Datasheet HTML 1Page - California Micro Devices Corp CM3015-28ST Datasheet HTML 2Page - California Micro Devices Corp CM3015-28ST Datasheet HTML 3Page - California Micro Devices Corp CM3015-28ST Datasheet HTML 4Page - California Micro Devices Corp CM3015-28ST Datasheet HTML 5Page - California Micro Devices Corp CM3015-28ST Datasheet HTML 6Page - California Micro Devices Corp CM3015-28ST Datasheet HTML 7Page - California Micro Devices Corp CM3015-28ST Datasheet HTML 8Page - California Micro Devices Corp CM3015-28ST Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
09/14/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
5
CM3015
PRELIMINARY
Performance Information
Typical DC Characteristics (nominal conditions unless specified otherwise)
Nominal Conditions: CIN = 1µF, COUT = 2.2µF, No CBYP , VIN = 4.0V, Load = 5mA (all plots measured with 3.0V
VOUT)
Figure 1. Load Regulation
Figure 2. Dropout Voltage (VOUT=2.9V)
Figure 3. Foldback Current Limiting
Figure 4. Line Regulation (ILOAD=300mA)
Figure 5. Line Regulation (ILOAD=5mA)
Figure 6. Line Regulation (ILOAD=1mA)
g
2.90
2.95
3.00
3.05
3.10
0
100
200
300
400
500
CURRENT LOAD [mA]
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
100
200
300
400
500
LOAD [mA]
0.0
1.0
2.0
3.0
4.0
0 100 200 300 400 500 600 700 800 900
LOAD CURRENT [mA]
2.86
2.88
2.90
2.92
2.94
2.96
2.98
3.00
3
3.5
4
4.5
5
5.5
6
INPUT VOLTAGE [V]
2.9
2.92
2.94
2.96
2.98
3
3.02
3.04
3
3.5
4
4.5
5
5.5
6
INPUT VOLTAGE [V]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0123456
INPUT VOLTAGE [V]
1mA Load


Similar Part No. - CM3015-28ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM3010 ETC1-CM3010 Datasheet
253Kb / 12P
   LoRaWAN??ACM
logo
Chicago Miniature Lamp,...
CM3011 CML-CM3011 Datasheet
220Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM3011 VCC-CM3011 Datasheet
33Kb / 1P
   Contact Bayonet Base
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
CM3014-15ST CALMIRCO-CM3014-15ST Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
More results

Similar Description - CM3015-28ST

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3982 NSC-LP3982 Datasheet
361Kb / 12P
   Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
logo
Texas Instruments
LP3981IMM-2.5 TI-LP3981IMM-2.5 Datasheet
1Mb / 21P
[Old version datasheet]   LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981ILD-3.3 TI-LP3981ILD-3.3 Datasheet
1Mb / 21P
[Old version datasheet]   LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981IMM-3.3 TI-LP3981IMM-3.3 Datasheet
1Mb / 21P
[Old version datasheet]   LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
logo
AMETHERM Circuit Protec...
AME8818 AMETHERM-AME8818 Datasheet
224Kb / 14P
   Low Dropout 300mA CMOS Regulator
logo
Analog Microelectronics
AME8818 AME-AME8818_12 Datasheet
326Kb / 25P
   Low Dropout 300mA CMOS Regulator
logo
ADDtek Corp
AMC7635 ADDTEK-AMC7635 Datasheet
154Kb / 9P
   300mA CMOS LOW DROPOUT REGULATOR
SEPTEMBER 2007
logo
National Semiconductor ...
LP3981 NSC-LP3981 Datasheet
339Kb / 11P
   Micropower, 300mA Ultra Low-Dropout CMOS Voltage
logo
Taiwan Semiconductor Co...
TS9000 TSC-TS9000 Datasheet
108Kb / 4P
   300mA CMOS Low Dropout Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM6205 HMSEMI-HM6205 Datasheet
1Mb / 7P
   300mA low dropout CMOS voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com