Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY2037 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part No. CY2037
Description  High Accuracy EPROM Programmable PLL Die for Crystal Oscillators
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY2037 Datasheet(HTML) 6 Page - Cypress Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CY2037
PRELIMINARY
6
Switching Waveforms
Notes:
3.
In synchronous mode the powerdown or output 3-state is not initiated until the next falling edge of the output clock.
4.
In asynchronous mode the powerdown or output 3-state occurs within 25ns irrespective of position in the ouput clock cycle.
Duty Cycle Timing (t1w, t1x, t1y, t1z)
t1A
t1B
OUTPUT
Output Rise/Fall Time
OUTPUT
t2
VDD
0V
t3
Power Down Timing (synchronous and asynchronous modes)
CLKOUT
VDD
t4
1/f
t5a
VIL
VIH
POWER
DOWN
0V
1/f
t5b
CLKOUT
T
(synchronous
[3])
(asynchronous
[4])
Power Up Timing
CLKOUT
VDD
t6
1/f
VDD-10%
POWER
UP
0V
min 2ns


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn