Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM8501GIS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CM8501GIS
Description  1.5A BUS TERMINATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM8501GIS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CM8501GIS Datasheet HTML 1Page - List of Unclassifed Manufacturers CM8501GIS Datasheet HTML 2Page - List of Unclassifed Manufacturers CM8501GIS Datasheet HTML 3Page - List of Unclassifed Manufacturers CM8501GIS Datasheet HTML 4Page - List of Unclassifed Manufacturers CM8501GIS Datasheet HTML 5Page - List of Unclassifed Manufacturers CM8501GIS Datasheet HTML 6Page - List of Unclassifed Manufacturers CM8501GIS Datasheet HTML 7Page - List of Unclassifed Manufacturers CM8501GIS Datasheet HTML 8Page - List of Unclassifed Manufacturers CM8501GIS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CM8501/A
1.5A BUS TERMINATOR
GENERAL DESCRIPTION
FEATURES
Patent Filed #6,452,366
8-pin PSOP, 16 pin PTSSOP and 16 pin PSOP power
packages
Source and sink up to 1.5A, no heat sink required
Peak Current to 3A
Integrated Power MOSFETs
Output voltage can be programmed by external resistors
(CM8501)
Separate voltages for VCCQ and PVDD
V OUT of ±3% or less at 1.5A
Minimum external components
Shutdown for standby or suspend mode operation
Thermal shutdown protection
Soft start
The CM8501/A is a low cost switching regulator designed to
provide a desired output voltage or termination voltage for
various applications by converting voltage supplies ranging
from 2.0V to 4.0V. The CM8501 can be implemented to
produce regulated output voltages in two different modes. In
the default mode, when the VIN/2 pin is open, the output
voltage is 50% of the VCCQ. The CM8501 can also be used
to produce various user-defined voltages by forcing a voltage
on the VIN/2 pin. In this case, the output voltage follows the
VIN/2 pin input voltage. The regulated output voltage of
CM8501A is internally set to be 50% of the applied VCCQ.
The switching regulator is capable of sourcing or sinking up to
1.5A of current while regulating an output V TT voltage to
within 3% or less.
The CM8501A could guarantee to provide continuous
sinking or sourcing up to 2A current while enlarging the
layout GND pad dimension as layout suggestion in page
6.
The CM8501/A provides low profile 8-pin PSOP package to
save system space as well as 16-pin PSOP and PTSSOP
packages that are pin-to-pin compatible to the previous
CM8500.
24 Hours Technical Support---WebSIM
Champion provides customers an online circuit simulation tool
called WebSIM. You could simply logon our website at
www.champion-micro.com for details.
APPLICATIONS
Mother Board
PCI/AGP Graphics
Game/ Play Station
Set Top Box
IPC
SCSI-III Bus terminator
Buck Converter
2005/02/02 Rev. 1.2
Champion Microelectronic Corporation
Page 1


Similar Part No. - CM8501GIS

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM8501GIS CHAMP-CM8501GIS Datasheet
415Kb / 10P
   1.5A BUS TERMINATOR
More results

Similar Description - CM8501GIS

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM8501 CHAMP-CM8501 Datasheet
415Kb / 10P
   1.5A BUS TERMINATOR
CM8501C CHAMP-CM8501C Datasheet
285Kb / 6P
   1.5A BUS TERMINATOR
logo
List of Unclassifed Man...
CM8501C ETC1-CM8501C Datasheet
206Kb / 6P
   1.5A BUS TERMINATOR
CM8561 ETC-CM8561 Datasheet
119Kb / 5P
   1.5A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
logo
Champion Microelectroni...
CM8561 CHAMP-CM8561 Datasheet
144Kb / 5P
   1.5A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
logo
List of Unclassifed Man...
CM8500 ETC-CM8500 Datasheet
298Kb / 13P
   3A BUS TERMINATOR
logo
Champion Microelectroni...
CM8500A CHAMP-CM8500A Datasheet
446Kb / 13P
   3A BUS TERMINATOR
logo
List of Unclassifed Man...
CM8500A ETC1-CM8500A Datasheet
409Kb / 13P
   3A BUS TERMINATOR
logo
Anachip Corp
AP1128 ANACHIP-AP1128 Datasheet
233Kb / 7P
   3A Bus Terminator Regulator
AP1127 ANACHIP-AP1127 Datasheet
139Kb / 4P
   3A Bus Terminator Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com